Electronic Components Datasheet Search
  English  ▼

X  

GMA92 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GMA92
Description  PNP PITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMA92 Datasheet(HTML) 1 Page - GTM CORPORATION

  GMA92 Datasheet HTML 1Page - GTM CORPORATION GMA92 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GMA92
1/2
ISSUED DATE :2005/03/21
REVISED DATE :
G
G M
M A
A9922
P
P N
N P
P P
P II T
T A
A X
X II A
A LL P
P LL A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMA92 is designed for applications as a video output to drive color CRT, or as a dialer circuit in
electronics telephone.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature Range
TsTG
-55 ~ +150
Collector to Base Voltage
VCBO
-300
V
Collector to Emitter Voltage
VCEO
-300
V
Emitter to Base Voltage
VEBO
-5
V
Collect Current(DC)
IC
-500
mA
Total Power Dissipation
PD
1
W
Electrical Characteristics(Ta = 25 : )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-300
-
-
V
IC=-100uA, IE=0
BVCEO
-300
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-100uA, IC=0
ICBO
-
-
-250
nA
VCB=-200V, IE=0
IEBO
-
-
-100
nA
VEB=-3V, IC=0
*VCE(sat)
-
-
-500
mV
IC=-20mA, IB=-2mA
*VBE(sat)
-
-
-900
mV
IC=-20mA, IB=-2mA
*hFE1
25
-
-
VCE=-10V, IC=-1mA
*hFE2
40
-
-
VCE=-10V, IC=-10mA
*hFE3
25
-
-
VCE=-10V, IC=-30mA
fT
50
-
-
MHz
VCB=-20V, IC=-10mA, f=100MHz
Cob
-
-
6
pF
VCB=-20V, IE=0
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
SOT-89


Similar Part No. - GMA92

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMA92 GSME-GMA92 Datasheet
302Kb / 3P
SOT-23
logo
E-Tech Electronics LTD
GMA92 ETL-GMA92 Datasheet
228Kb / 2P
P N P P I TA X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GMA92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM4033 ETC2-GM4033 Datasheet
218Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBCX53 ETC2-GMBCX53 Datasheet
213Kb / 2P
PNP SILICONE PITAXIAL TRANSISTOR
logo
GTM CORPORATION
GBC857 GTM-GBC857 Datasheet
212Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GE1046 GTM-GE1046 Datasheet
351Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GJ3669 GTM-GJ3669 Datasheet
158Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL3906 GTM-GL3906 Datasheet
188Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GLA94 GTM-GLA94 Datasheet
175Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBCX53 GTM-GMBCX53 Datasheet
213Kb / 2P
PNP SILICONE PITAXIAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
A92Q SECOS-A92Q Datasheet
281Kb / 2P
PNP Transistor Pitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTC2983D KEC-KTC2983D_15 Datasheet
404Kb / 3P
PITAXIAL PLANAR NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com