Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 15 Page - Analog Devices

Part # OP191
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP191 Datasheet HTML 11Page - Analog Devices OP191 Datasheet HTML 12Page - Analog Devices OP191 Datasheet HTML 13Page - Analog Devices OP191 Datasheet HTML 14Page - Analog Devices OP191 Datasheet HTML 15Page - Analog Devices OP191 Datasheet HTML 16Page - Analog Devices OP191 Datasheet HTML 17Page - Analog Devices OP191 Datasheet HTML 18Page - Analog Devices OP191 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
OP191/OP291/OP491
Rev. E | Page 15 of 24
FREQUENCY (Hz)
70
20
–30
30
40
50
60
–20
–10
0
10
90
45
0
270
225
180
135
1k
10M
1M
100k
10k
VS = ±5V
TA = 25°C
Figure 49. Open-Loop Gain and Phase vs. Frequency, VS = ±5 V
TEMPERATURE (°C)
200
0
125
65
25
25
40
–40
120
80
100
140
160
180
85
VS = ±5V
RL = 2kΩ
RL = 2kΩ
Figure 50. Open-Loop Gain vs. Temperature, VS = ±5 V
FREQUENCY (Hz)
50
0
–50
10
20
30
40
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
VS = ±5V
TA = 25°C
Figure 51. Closed-Loop Gain vs. Frequency, VS = ±5 V
FREQUENCY (Hz)
160
60
–40
80
100
120
140
–20
0
20
40
CMRR
VS = ±5V
TA = 25°C
100
1k
10k
100k
1M
10M
Figure 52. CMRR vs. Frequency, VS = ±5 V
TEMPERATURE (°C)
102
92
125
95
93
25
94
–40
98
96
97
99
100
101
85
VS = ±5V
Figure 53. CMRR vs. Temperature, VS =± 5 V
FREQUENCY (Hz)
160
60
–40
80
100
120
140
–20
0
20
40
±PSRR
VS = ±5V
TA = 25°C
100
1k
10k
100k
1M
10M
+PSRR
–PSRR
Figure 54. PSRR vs. Frequency, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com