Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 8 Page - Analog Devices

Part # OP291
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP291 Datasheet HTML 4Page - Analog Devices OP291 Datasheet HTML 5Page - Analog Devices OP291 Datasheet HTML 6Page - Analog Devices OP291 Datasheet HTML 7Page - Analog Devices OP291 Datasheet HTML 8Page - Analog Devices OP291 Datasheet HTML 9Page - Analog Devices OP291 Datasheet HTML 10Page - Analog Devices OP291 Datasheet HTML 11Page - Analog Devices OP291 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OP191/OP291/OP491
Rev. E | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
180
0
0.22
40
20
–0.18
60
80
100
120
140
160
0.14
0.06
–0.02
–0.10
INPUT OFFSET VOLTAGE (mV)
VS = 3V
TA = 25°C
BASED ON
1200 OP AMPS
Figure 7. OP291 Input Offset Voltage Distribution, VS = 3 V
120
0
7
60
20
1
40
0
100
80
6
4
3
2
INPUT OFFSET VOLTAGE (µV/°C)
5
VS = 3V
–40°C < TA < +125°C
BASED ON 600 OP AMPS
Figure 8. OP291 Input Offset Voltage Drift Distribution, VS = 3 V
125
25
–40
85
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
VS = 3V
VCM = 3V
TEMPERATURE (°C)
VCM = 0.1V
VCM = 0V
VCM = 2.9V
Figure 9. Input Offset Voltage vs. Temperature, VS = 3 V
40
30
20
10
0
–10
–20
–30
–40
–50
–60
125
25
85
TEMPERATURE (°C)
–40
VS = 3V
VCM = 3V
VCM = 2.9V
VCM = 0.1V
VCM = 0V
Figure 10. Input Bias Current vs. Temperature, VS = 3 V
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
–1.8
125
25
85
TEMPERATURE (°C)
–40
VCM = 0.1V
VCM = 2.9V
VCM = 3V
VCM = 0V
VS = 3V
Figure 11. Input Offset Current vs. Temperature, VS = 3 V
INPUT COMMON-MODE VOLTAGE (V)
36
–36
3.0
–18
–30
0.3
–24
0
0
–12
–6
6
12
18
30
24
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
VS = 3V
Figure 12. Input Bias Current vs. Input Common-Mode Voltage, VS = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com