Electronic Components Datasheet Search
  English  ▼

X  

AD9632AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD9632AR
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9632AR Datasheet HTML 9Page - Analog Devices AD9632AR Datasheet HTML 10Page - Analog Devices AD9632AR Datasheet HTML 11Page - Analog Devices AD9632AR Datasheet HTML 12Page - Analog Devices AD9632AR Datasheet HTML 13Page - Analog Devices AD9632AR Datasheet HTML 14Page - Analog Devices AD9632AR Datasheet HTML 15Page - Analog Devices AD9632AR Datasheet HTML 16Page - Analog Devices AD9632AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD9631/AD9632
Rev. D | Page 13 of 20
Figure 47. AD9631 Output Resistance vs. Frequency
Figure 48. AD9632 Output Resistance vs. Frequency
Figure 49. Output Swing vs. Temperature
Figure 50. Open-Loop Gain vs. Temperature
Figure 51. PSRR vs. Temperature
Figure 52. CMRR vs. Temperature
1k
0.01
0.1
1
10
100
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
G = +1
1k
0.01
0.1
1
10
100
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
G = +1
4.1
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±5V
+VOUT
RL = 150Ω
RL = 50Ω
+VOUT
|–VOUT|
|–VOUT|
1350
350
450
550
650
750
850
950
1050
1150
1250
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
+AOL
AD9632
AD9631
+AOL
–AOL
–AOL
76
56
58
60
62
64
66
68
70
72
74
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
AD9632
AD9632
AD9631
AD9631
+PSRR
+PSRR
–PSRR
–PSRR
98
96
94
92
90
88
86
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
–CMRR
+CMRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com