Electronic Components Datasheet Search
  English  ▼

X  

IRLP3803 Datasheet(PDF) 3 Page - International Rectifier

Part # IRLP3803
Description  HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLP3803 Datasheet(HTML) 3 Page - International Rectifier

  IRLP3803 Datasheet HTML 1Page - International Rectifier IRLP3803 Datasheet HTML 2Page - International Rectifier IRLP3803 Datasheet HTML 3Page - International Rectifier IRLP3803 Datasheet HTML 4Page - International Rectifier IRLP3803 Datasheet HTML 5Page - International Rectifier IRLP3803 Datasheet HTML 6Page - International Rectifier IRLP3803 Datasheet HTML 7Page - International Rectifier IRLP3803 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRLP3803
Fig 1. Typical Output Characteristics,
TJ = 25oC
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics,
TJ = 175oC
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
A
2.0V
20µs PULSE WIDTH
T = 25°C
J
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.0V
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
A
2.0V
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.0V
20µs PULSE WIDTH
T = 175°C
J
0.01
0.1
1
10
100
1000
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
T = 25°C
GS
V
, Gate-to-Source Voltage (V)
T = 175°C
A
V
= 25V
20µs PULSE WIDTH
DS
J
J
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80
100 120 140 160 180
J
T , Junction Temperature (°C)
V
= 10V
GS
A
I
= 120A
D
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com