Electronic Components Datasheet Search
  English  ▼

X  

GMBD2004 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GMBD2004
Description  SURFACE MOUNT,SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMBD2004 Datasheet(HTML) 1 Page - GTM CORPORATION

  GMBD2004 Datasheet HTML 1Page - GTM CORPORATION GMBD2004 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2002/11/12
REVISED DATE :2004/11/30B
G
G M
M B
B D
D 22000044\\A
A\\C
C \\S
S
S U R F A C E M O U N T, S W I T C H I N G D I O D E
V O L T A G E 3 0 0 V, C U R R E N T 0 . 2 2 5 A
Description
The GMBD2004\A\C\S are general purpose diodes fabricated in planar technology, and encapsulated in small plastic SMD SOT-23
package,
Package Dimensions
Style: Pin1: Anode, 2: No Connection, 3: Cathode
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 : unless otherwise specified
Parameter
Symbol
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
300
V
Continuous reverse voltage
VR(VRWM)
240
V
RMS Reverse Voltage
VR(RMS)
170
V
Forward Continuous Current
IFM
225
mA
4
Non-Repetitive Peak Forward surge Current @t =1.0us
@t=1.0s
IFSM
1
A
Power Dissipation
PD
350
mW
Thermal Resistance Junction to Ambient Air
R JA
357
/W
Storage Temperature Range
Tj,Tstg
-65 ~ +150
Characteristics
at Ta = 25 : unless otherwise specified
Characteristics
Symbol
Min.
Max.
Unit
Test Conditions
0.85
V
IF = 20mA
-
1
V
IF = 100mA
Forward Voltage
VF
-
1.25
V
IF = 225mA
nA
VR = 240V
Reverse Current
IR
-
100
uA
VR = 240V ,Tj=150
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 0 volt.
2. Measured at applied forward current of 30mA, reverse current of 30mA, RL=100 Ł and recovery to IRR=-3mA.
3. ESD sensitive product handling required.


Similar Part No. - GMBD2004

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBD2004-A-C-S ETL-GMBD2004-A-C-S Datasheet
340Kb / 2P
S U R FA C E MO U N T, SWI T C H I NG D I O D E V O LTAG E 1 0 0 V, C U R R E N T 2 0 0mA
More results

Similar Description - GMBD2004

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com