Electronic Components Datasheet Search
  English  ▼

X  

TDA9818T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9818T
Description  Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9818T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9818T Datasheet HTML 9Page - NXP Semiconductors TDA9818T Datasheet HTML 10Page - NXP Semiconductors TDA9818T Datasheet HTML 11Page - NXP Semiconductors TDA9818T Datasheet HTML 12Page - NXP Semiconductors TDA9818T Datasheet HTML 13Page - NXP Semiconductors TDA9818T Datasheet HTML 14Page - NXP Semiconductors TDA9818T Datasheet HTML 15Page - NXP Semiconductors TDA9818T Datasheet HTML 16Page - NXP Semiconductors TDA9818T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
2004 Jun 29
13
Philips Semiconductors
Product specification
Single/multistandard VIF/SIF-PLL and
FM-PLL/AM demodulators
TDA9817; TDA9818
Tuner AGC (pin TAGC)
Vi(rms)
IF input signal voltage for
minimum starting point of
tuner takeover
(RMS value)
input at pins VIF1
and VIF2; RTOP =22kΩ;
ITAGC = 0.4 mA
−
25
mV
IF input signal voltage for
maximum starting point of
tuner takeover
(RMS value)
input at pins VIF1
and VIF2; RTOP =0 Ω;
ITAGC = 0.4 mA
50
100
−
mV
Vo(TAGC)
permissible output voltage
from external source;
note 2
−−
13.2
V
Vsat(TAGC)
saturation voltage
ITAGC = 1.5 mA
−−
0.2
V
∆VTOP(TAGC)/∆T variation of takeover point
by temperature
ITAGC = 0.4 mA
−
0.03
0.07
dB/K
ITAGC(sink)
sink current
see Fig.5
no tuner gain reduction;
VTAGC = 13.2 V
−−
5
µA
maximum tuner gain
reduction
1.5
2
2.6
mA
∆GIF
IF slip by automatic gain
control
tuner gain current from
20% to 80%
−
68
dB
AFC circuit (pin AFC); see Fig.9; note 12
CRstps
control steepness
∆IAFC/∆f note 13
33.9 MHz
0.5
0.75
1.0
µA/kHz
38.9 MHz
0.5
0.75
1.0
µA/kHz
45.75 MHz
0.45
0.65
0.85
µA/kHz
58.75 MHz
0.38
0.55
0.72
µA/kHz
∆fIF/∆T
frequency variation by
temperature
B/G and L standard;
IAFC = 0; note 4
−−±20 × 10−6 K−1
L accent standard;
IAFC = 0; note 4
−−±60 × 10−6 K−1
Vo(AFC)
output voltage
upper limit
VP − 0.6 VP − 0.3 −
V
lower limit
−
0.3
0.6
V
Io(source)(AFC)
output source current
150
200
250
µA
Io(sink)(AFC)
output sink current
150
200
250
µA
∆IAFC(p-p)
residual video modulation
current
(peak-to-peak value)
B/G and L standard
−
20
30
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com