Electronic Components Datasheet Search
  English  ▼

X  

TDA9818TS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9818TS
Description  Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9818TS Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9818TS Datasheet HTML 1Page - NXP Semiconductors TDA9818TS Datasheet HTML 2Page - NXP Semiconductors TDA9818TS Datasheet HTML 3Page - NXP Semiconductors TDA9818TS Datasheet HTML 4Page - NXP Semiconductors TDA9818TS Datasheet HTML 5Page - NXP Semiconductors TDA9818TS Datasheet HTML 6Page - NXP Semiconductors TDA9818TS Datasheet HTML 7Page - NXP Semiconductors TDA9818TS Datasheet HTML 8Page - NXP Semiconductors TDA9818TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
2004 Jun 29
3
Philips Semiconductors
Product specification
Single/multistandard VIF/SIF-PLL and
FM-PLL/AM demodulators
TDA9817; TDA9818
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
5
5.5
V
IP
supply current
76
90
104
mA
Vi(VIF)(rms)
vision IF input signal voltage sensitivity
(RMS value)
−1 dB video at output
−
60
100
µV
Vo(CVBS)(p-p) video output signal voltage
(peak-to-peak value)
0.97
1.1
1.23
V
Bv(−3dB)
−3 dB video bandwidth on pin CVBS
B/G and L standard;
CL < 50 pF; RL >1kΩ; AC load
78
−
MHz
S/NW
weighted signal-to-noise ratio for video
56
60
−
dB
αIM(1.1)
intermodulation attenuation at ‘blue’
f = 1.1 MHz
58
64
−
dB
αIM(3.3)
intermodulation attenuation at ‘blue’
f = 3.3 MHz
58
64
−
dB
αH(sup)
suppression of video signal harmonics
35
40
−
dB
Vi(SIF)(rms)
sound IF input signal voltage
sensitivity (RMS value)
−3 dB at intercarrier output
−
50
100
µV
Vo(FM)(rms)
audio output signal voltage for FM
(RMS value)
B/G standard; 27 kHz,
54% modulation
0.4
0.5
0.6
V
M/N standard;
25 kHz modulation
0.36
0.45
0.54
V
Vo(AM)(rms)
audio output signal voltage for AM
(RMS value)
L standard; 54% modulation
0.4
0.5
0.6
V
THDaudio
total harmonic distortion audio signal
54% modulation
FM
−
0.2
0.5
%
AM
−
0.5
1.0
%
S/NW(audio)
weighted signal-to-noise ratio audio
signal
54% modulation
FM
55
60
−
dB
AM
47
53
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com