Electronic Components Datasheet Search
  English  ▼

X  

CPC1978J Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1978J
Description  i4-PAC??Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1978J Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1978J Datasheet HTML 1Page - Clare, Inc. CPC1978J Datasheet HTML 2Page - Clare, Inc. CPC1978J Datasheet HTML 3Page - Clare, Inc. CPC1978J Datasheet HTML 4Page - Clare, Inc. CPC1978J Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1978J
www.clare.com
3
R02.3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
35
30
25
20
15
10
5
0
1.65
1.66
1.67
1.69
1.68
1.70
35
30
25
20
15
10
5
0
825
830
835
840
845
850
Blocking Voltage (VP)
7.0
8.0
9.0
6.5
7.5
8.5
Turn-On (ms)
25
20
15
10
5
0
0.12
0.16
0.20
0.10
0.14
0.18
Turn-Off (ms)
25
20
15
10
5
0
CPC1978J
Typical Load Current vs. Temperature
3500
3000
2500
2000
1500
1000
500
0
-40
-20
0
20
40
60
80
120
100
IF = 20mA
IF = 10mA
CPC1978J
Typical Leakage vs. Temperature at
Maximum Rated Blocking Voltage
(Measured across Pins 1 & 2)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
CPC1978J
Typical Blocking Voltage vs. Temperature
-40
855
850
845
840
835
830
825
820
815
-20
0
20
40
60
80
100
CPC1978J
Typical Turn-On vs. Temperature
(Load Current = 1ADC)
-40
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
-20
0
20
40
60
80
100
IF = 10mA
CPC1978J
Typical Turn-Off vs. Temperature
(Load Current = 1ADC)
-40
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
-20
0
20
40
60
80
100
IF = 10mA
CPC1978J
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
IF = 50mA
IF = 20mA
IF = 10mA
CPC1978J
Typical Turn-On vs. LED Forward Current
(Load Current = 1ADC)
LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
1.0
0
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com