Electronic Components Datasheet Search
  English  ▼

X  

TDA9847 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9847
Description  TV and VTR stereo/dual sound processor with digital identification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9847 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9847 Datasheet HTML 1Page - NXP Semiconductors TDA9847 Datasheet HTML 2Page - NXP Semiconductors TDA9847 Datasheet HTML 3Page - NXP Semiconductors TDA9847 Datasheet HTML 4Page - NXP Semiconductors TDA9847 Datasheet HTML 5Page - NXP Semiconductors TDA9847 Datasheet HTML 6Page - NXP Semiconductors TDA9847 Datasheet HTML 7Page - NXP Semiconductors TDA9847 Datasheet HTML 8Page - NXP Semiconductors TDA9847 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Fig.2 Block diagram of the bipolar TV/VTR-stereo decoder with fixed coil (alignment-free).
Input and output levels are nominal values related to the SCART norm (AM: m = 0.54, FM:
∆f= ±27 kHz).
The components of the external LC band-pass filter have the following order-No.: Philips Germany only No: 4312 020 17525 or Fastron Sdn. Bha., Malaysia type SMCC 472 J
for L = 4.7 MHz (
±5%) Philips Components No: 2222 429 71802, C = 1.8 nF (±2%).
6 dB
0 dB
3 dB
3 dB
3 dB
6 dB (AM)
6 dB
6 dB
6 dB
RMS
250 mV
250 mV RMS
R/B
250 mV RMS
L/A/mono
AM
50 k
Ω
50 k
Ω
15 k
Ω
2.2 k
Ω
35 k
Ω
2.2 k
Ω
50 k
Ω
10 k
Ω
10 k
Ω
5 k
Ω
5 k
Ω
27 k
Ω
25 k
Ω
25 k
Ω
1 k
Ω
A/mono
500 mV RMS
500 mV RMS
500 mV RMS
500 mV RMS
CONTROL
LOGIC
POWER-ON
RESET
SUPPLY
DIGITAL
INTEGRATOR
DIGITAL
INTEGRATOR
DIGITAL PLL
AND
DEMODULATOR
DIGITAL PLL
AND
DEMODULATOR
DIGITAL
PLL
OSCILLATOR
2.2
µF
10
µF
2.2
µF
2.2
µF
100
µF/
16 V
2.2
µF
L + R
2
, A
250 mV RMS
(AM: 500 mV RMS)
Vi2
Vi1
RFP
R, B
250 mV RMS
180 pF
4.7 mH
CFP
1.8 nF
10 nF
±2%
±5%
tan
δ ≤ 0.01
CDCL
Qo= 25
CAGC
CLP
VP
VP
Cref
10 MHz
(117 Hz)
(274 Hz)
stereo
bit
dual bit
stereo transmission
dual transmission
Vo4
Vi4 Vi3
Vo3
Vo2
Vo1
CD1
CD2
main
0 dB
L
10 nF
5%
10 nF
5%
250 mV
RMS
250 mV RMS
SCART
100 nF
17
21
12
11
14
13
16
15
19
18
1
2
24
20
22
23
8
3
C1
C2
C3
C4
5
4
6
7
10
9
TDA9847
mute
MED804
1/2 VP
SCART
Vref
Vref
Vref
Vref
Vref
Vref
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com