Electronic Components Datasheet Search
  English  ▼

X  

GMLM317L Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GMLM317L
Description  100mA ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMLM317L Datasheet(HTML) 1 Page - GTM CORPORATION

  GMLM317L Datasheet HTML 1Page - GTM CORPORATION GMLM317L Datasheet HTML 2Page - GTM CORPORATION GMLM317L Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CORPORATION
GMLM317L
Page: 1/3
ISSUED DATE :2006/02/17
REVISED DATE :
GMLM 317L
1 0 0 m A A D J U S T A B L E V O L T A G E R E G U L AT O R
Description
The GMLM317L is a monolithic integral circuit, designed for use as positive adjustable voltage regulator. It is
designed to supply unit 100mA of load current with an output voltage adjustable over a 1.25V to 37V range.
Features
&Output voltage adjustable from 1.25V to 37V
&
Output current in excess of 100mA
&Thermal overload protection
&Short circuit protection
&Output transistor save area compensation
&Floating operation for high voltage applications
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5°TYP.
M
0.70 REF.
Block Diagram
Test Circuit
GMLM317L
SOT-89


Similar Part No. - GMLM317L

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMLM317L ETL-GMLM317L Datasheet
210Kb / 3P
1 0 0mA A D J U S TA B L E VO LTAG E R EG U L AT O R
More results

Similar Description - GMLM317L

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GCLM317L GTM-GCLM317L Datasheet
194Kb / 3P
100mA adjustable voltage regulator.
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
GSCLM317L GTM-GSCLM317L Datasheet
229Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
GSCLM2931 GTM-GSCLM2931 Datasheet
498Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
100mA Adjustable Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
SCLM317L SECOS-SCLM317L Datasheet
595Kb / 3P
100mA Adjustable Voltage Regulator
SMLM317L SECOS-SMLM317L Datasheet
595Kb / 3P
100mA Adjustable Voltage Regulator
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
[100mA /Adjustable Output] Positive Voltage Regulator
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com