Electronic Components Datasheet Search
  English  ▼

X  

58413 Datasheet(PDF) 1 Page - Alpha Wire

Part # 58413
Description  22 (7/30) AWG BC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

58413 Datasheet(HTML) 1 Page - Alpha Wire

  58413 Datasheet HTML 1Page - Alpha Wire 58413 Datasheet HTML 2Page - Alpha Wire 58413 Datasheet HTML 3Page - Alpha Wire 58413 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 58413
Construction
 
Diameters (In)
1) Component 1
3 X 1 PAIR
 
a) Conductor
22 (7/30) AWG BC
0.030
b) Insulation
0.008" Wall, Nom. PVC, Plenum Rated
0.046
(1) Color Code
Alpha Wire Color Code A1
Pair Color
Pair Color
Pair Color
1
BLACK-RED 2
BLACK-
WHITE
3
BLACK-
GREEN
c) Pair
2/Cond Cabled Together
 
(1) Twists:
8.0 Twists/foot (min)
 
2) Cable Assembly
3 Components Cabled
 
a) Twists:
4.8 Twists/foot (min)
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing Out
 
b) Drain Wire
24 (7/32) AWG TC
 
4) Jacket
0.015" Wall, Nom.,PVC, Plenum Rated
0.197 (0.208 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 58413 3PR 22 AWG
SHIELDED 75C CMP(UL) C(UL) OR 75C (UL) CL2P
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications
1) UL
CL2P
75°C
 
CMP
75°C
2) CSA International
FT6
 
 
C(UL) TYPE CMP
75°C
3) CE:
EU Low Voltage Directive 2006/95/EC


Similar Part No. - 58413

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
logo
Alpha Wire
58411 ALPHAWIRE-58411 Datasheet
72Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
58412 ALPHAWIRE-58412 Datasheet
409Kb / 4P
22 (7/30) AWG BC
58414 ALPHAWIRE-58414 Datasheet
409Kb / 4P
22 (7/30) AWG BC
58415 ALPHAWIRE-58415 Datasheet
409Kb / 4P
22 (7/30) AWG BC
More results

Similar Description - 58413

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
E1002S GENERAL-E1002S Datasheet
73Kb / 1P
2C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1003S GENERAL-E1003S Datasheet
73Kb / 1P
3C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1004S GENERAL-E1004S Datasheet
73Kb / 1P
4C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1006S GENERAL-E1006S Datasheet
73Kb / 1P
6C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1008S GENERAL-E1008S Datasheet
74Kb / 1P
8C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1010S GENERAL-E1010S Datasheet
74Kb / 1P
10C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1012S GENERAL-E1012S Datasheet
74Kb / 1P
12C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E2008S GENERAL-E2008S Datasheet
74Kb / 1P
8C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
C1103 GENERAL-C1103 Datasheet
34Kb / 1P
1C 22 7/30 BC FPE OAS PVC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com