Electronic Components Datasheet Search
  English  ▼

X  

GP3842 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GP3842
Description  HIGH PERFORMANCE CURRENT MODE CONTROLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP3842 Datasheet(HTML) 2 Page - GTM CORPORATION

  GP3842 Datasheet HTML 1Page - GTM CORPORATION GP3842 Datasheet HTML 2Page - GTM CORPORATION GP3842 Datasheet HTML 3Page - GTM CORPORATION GP3842 Datasheet HTML 4Page - GTM CORPORATION GP3842 Datasheet HTML 5Page - GTM CORPORATION GP3842 Datasheet HTML 6Page - GTM CORPORATION GP3842 Datasheet HTML 7Page - GTM CORPORATION GP3842 Datasheet HTML 8Page - GTM CORPORATION GP3842 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
ISSUED DATE :2003/05/20
REVISED DATE :2004/09/30B
Current sense and voltage feedback inputs
Vin
-0.3 to 5.5
V
Error Amplifier Output Sink Current
Io
10
mA
Power Dissipation at Thermal
characteristics
PD
P JA
702
178
mW
: /W
Storage Temperature Range
Tstg
-65 to 150
:
Operating Junction Temperature
TJ
+150
:
Operating ambient Temperature
TA
0~+70
:
Electrical Characteristics (0 : TA 70 : ,Vcc=15V[note 2],RT=10k,CT=3.3Nf,unless otherwise specified)
Parameter
SYMBOL
Test Conditions
Min
Typ.
Max.
Unit
Reference Section
Output Voltage
VREF
Tj=25 : ,Io=1mA
4.90
5
5.1
V
Line Regulation
Regline
Vcc=12V to 25V
2.0
20
mV
Load Regulation
Regload
Io=1mA to 20mA
3.0
25
mV
Temperature. Stability
Ts
0.2
-
mV/ :
Total Output Variation
VREF
Line, Load, Temperature
4.82
-
5.18
V
Output Noise Voltage
Vn
F=10kHz to 10Hz,Tj=25 :
-
50
-
V
Long Term Stability
S
TA=125 : ,1000Hrs
-
5
-
mV
Output Short Circuit current
ISC
-30
-85
-180
mA
Oscillator Section
Tj=25 :
49
52
55
TA=0 : to 70 :
48
56
Frequency
Tj=25 : (RT=6.2k,CT=1.0nF)
225
250
275
KHz
Frequency Change with Voltage
fosc/ V
Vcc=12V to 25V
0.2
1.0
%
Frequency Change with Temperature
fosc/ T
TA = 0 : to 70 :
0.5
%
Oscillator Voltage Swing(Peak to Peak)
VOSC
1.6
V
Discharge Current
Idischg
Tj=25 :
TA = 0 : to 70 :
7.8
7.6
8.3
8.8
8.8
mA
Error Amplifier Section
Voltage Feedback Input
VFB
Vo =2.5V
2.42
2.50
2.58
V
Input Bias Current
IIB
VFB=5.0V
-0.1
-2.0
A
Open Loop Voltage Gain
AVOL
Vo=2V to 4V
65
90
dB
Unity Gain Bandwidth
BW
Tj=25 :
0.7
1.0
MHz
Power Supply Rejection Ratio
PSRR
Vcc=12V to 25V
60
70
dB
Output Sink Current
Isink
Vo=1.1V,VFB=2.7V
2.0
12
mA
Output Source Current
Isource
Vo=5.0V,VFB=2.3V
-0.5
-1.0
mA
Output Voltage Swing High State
VoH
VFB=2.3V,RL=15K to GND
5.0
6.2
V
Output Voltage Swing Low State
VOL
VFB=2.7V,RL=15K to Vref
0.8
1.1
V
Current Sense section
Current Sense Input Voltage gain
Av
(Note 3,4)
2.85
3.0
3.15
V/V
Maximum Current Sense Input Threshold Vth
(Note 3)
0.9
1.0
1.1
V
Power Supply Rejection Ratio
PSRR
VCC= 12 to 25V (Note 3)
70
dB
Input Bias Current
IIB
-2
-10
A
Propagation Delay
Tplh(in/out) Current Sense Input to Output
150
300
ns
Isink=20mA
0.1
0.4
V
Output Low Voltage
VOL
Isink=200mA
1.6
2.2
V
Isource=20mA
13
13.5
V
Output High Level
VOH
Isource=200mA
12
13.4
V
VCC=6.0V,Isink=1.0mA
0.1
1.1
V
Output Voltage with UVLO Activated
VOL
(UVLO)
Output Voltage Rise Time
tr
Tj=25 : ,CL=1nF
50
150
ns
Output Voltage Fall Time
tr
Tj=25 : ,CL=1nF
50
150
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com