Electronic Components Datasheet Search
  English  ▼

X  

58613 Datasheet(PDF) 1 Page - Alpha Wire

Part # 58613
Description  22 (7/30) AWG TC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

58613 Datasheet(HTML) 1 Page - Alpha Wire

  58613 Datasheet HTML 1Page - Alpha Wire 58613 Datasheet HTML 2Page - Alpha Wire 58613 Datasheet HTML 3Page - Alpha Wire 58613 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 58613
Construction
 
Diameters (In)
1) Component 1
3 X 1 PAIR
 
a) Conductor
22 (7/30) AWG TC
0.030
b) Insulation
0.007" Wall, Nom. FEP
0.044
(1) Color Code
Alpha Wire Color Code A1
Pair Color
Pair Color
Pair Color
1
BLACK-RED 2
BLACK-
WHITE
3
BLACK-
GREEN
c) Pair
2/Cond Cabled Together
 
(1) Twists:
8.0 Twists/foot (min)
 
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25% Overlap, Min.
 
(1) Foil Direction
Foil Facing In
 
(2) Drain Wire
24 (7/32) AWG TC
 
2) Cable Assembly
3 Components Cabled
 
a) Twists:
4.0 Twists/foot (min)
 
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
24 (7/32) AWG TC
 
4) Jacket
0.009" Wall, Nom.,PVDF
0.202 (0.213 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 58613 3PR 22 AWG
SHIELDED 125C (UL) TYPE CMP OR C(UL) TYPE CMP FT6
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


Similar Part No. - 58613

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58613-1 MACOM-58613-1 Datasheet
245Kb / 6P
PRO-CRIMPER* III Hand Crimping Tool Assembly
58613-2 MACOM-58613-2 Datasheet
245Kb / 6P
PRO-CRIMPER* III Hand Crimping Tool Assembly
More results

Similar Description - 58613

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9009A GENERAL-C9009A Datasheet
70Kb / 1P
2C 22 AWG 7/30 TC PVC / PVC
C9010A GENERAL-C9010A Datasheet
70Kb / 1P
3C 22 AWG 7/30 TC PVC / PVC
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
4C 22 AWG 7/30 TC PVC / PVC
C9012A GENERAL-C9012A Datasheet
71Kb / 1P
6C 22 AWG 7/30 TC PVC / PVC
C9013A GENERAL-C9013A Datasheet
71Kb / 1P
8C 22 AWG 7/30 TC PVC / PVC
C9014A GENERAL-C9014A Datasheet
71Kb / 1P
10C 22 AWG 7/30 TC PVC / PVC
C9015A GENERAL-C9015A Datasheet
71Kb / 1P
15C 22 AWG 7/30 TC PVC / PVC
C9017A GENERAL-C9017A Datasheet
71Kb / 1P
25C 22 AWG 7/30 TC PVC / PVC
C9113A GENERAL-C9113A Datasheet
71Kb / 1P
8C 22 AWG 7/30 TC PVC / OAS / PVC
C9115A GENERAL-C9115A Datasheet
71Kb / 1P
15C 22 AWG 7/30 TC PVC / OAS / PVC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com