Electronic Components Datasheet Search
  English  ▼

X  

58802 Datasheet(PDF) 1 Page - Alpha Wire

Part # 58802
Description  24 (7/32) AWG TC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

58802 Datasheet(HTML) 1 Page - Alpha Wire

  58802 Datasheet HTML 1Page - Alpha Wire 58802 Datasheet HTML 2Page - Alpha Wire 58802 Datasheet HTML 3Page - Alpha Wire 58802 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 58802
Construction
 
Diameters (In)
1) Component 1
2 X 1 PAIR
 
a) Conductor
24 (7/32) AWG TC
0.024
b) Insulation
0.007" Wall, Nom. FEP
0.038
(1) Color Code
Alpha Wire Color Code N
Pair Color
Pair Color
Pair Color
1
BLACK-
YELLOW
2
RED-VIOLET
 
c) Pair
2/Cond Cabled Together
 
(1) Twists:
12.0 Twists/foot (min)
 
2) Cable Assembly
2 Components Cabled
 
a) Twists:
6.9 Twists/foot (min)
 
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
24 (7/32) AWG TC
 
4) Jacket
0.011" Wall, Nom.,PVDF
0.154 (0.164 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 58802 2PR 24 AWG
SHIELDED 125C (UL) TYPE CMP OR C(UL) TYPE CMP FT6
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon
plant of manufacture.]
Applicable Specifications
1) UL
CMP
125°C
2) CSA International
FT6
 
 
C(UL) TYPE CMP
125°C
3) CE:
EU Low Voltage Directive 2006/95/EC


Similar Part No. - 58802

ManufacturerPart #DatasheetDescription
logo
Heyco.
5880 HEYCO-5880 Datasheet
134Kb / 1P
.187˝ Diameter Ground Pins - Male
logo
FIBOX Enclosing innovat...
5880059 FIBOX-5880059 Datasheet
63Kb / 2P
Enclosure, PC
11.01.2023
5880060 FIBOX-5880060 Datasheet
68Kb / 2P
Enclosure, ABS
11.01.2023
5880061 FIBOX-5880061 Datasheet
73Kb / 2P
Enclosure, ABS
11.01.2023
5880062 FIBOX-5880062 Datasheet
63Kb / 2P
Enclosure, ABS
31.07.2023
More results

Similar Description - 58802

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0926A GENERAL-C0926A Datasheet
74Kb / 1P
4SP 24 7/32 TC FMPP OAS PVC
C3215 GENERAL-C3215 Datasheet
74Kb / 1P
3P 24 7/32 TC FEP OAS PVDF TYPE CMP, SHIELDED
C4191A GENERAL-C4191A Datasheet
59Kb / 1P
2C 24 AWG 7/32 TC PVC / OAS / PVC COMMUNICATION & CONTROL CABLE
C6065A GENERAL-C6065A Datasheet
74Kb / 1P
3 SP 24 7/32 TC SRPVC PVC Computer Cable
C6066A GENERAL-C6066A Datasheet
74Kb / 1P
6 SP 24 7/32 TC SRPVC PVC Computer Cable
C6067A GENERAL-C6067A Datasheet
74Kb / 1P
9 SP 24 7/32 TC SRPVC PVC Computer Cable
C7600A GENERAL-C7600A Datasheet
72Kb / 1P
1C #24 7/32 TC PVC HOOK UP WIRE
C9201A GENERAL-C9201A Datasheet
69Kb / 1P
3C 24 AWG 7/32 TC PVC / OAS / Braid / PVC
C9206A GENERAL-C9206A Datasheet
71Kb / 1P
15C 24 AWG 7/32 TC PVC / OAS / Braid / PVC
C1356 GENERAL-C1356 Datasheet
57Kb / 1P
2C 24 AWG 7/32 TC BC PVC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com