Electronic Components Datasheet Search
  English  ▼

X  

MAX9775 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9775
Description  2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9775 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9775 Datasheet HTML 9Page - Maxim Integrated Products MAX9775 Datasheet HTML 10Page - Maxim Integrated Products MAX9775 Datasheet HTML 11Page - Maxim Integrated Products MAX9775 Datasheet HTML 12Page - Maxim Integrated Products MAX9775 Datasheet HTML 13Page - Maxim Integrated Products MAX9775 Datasheet HTML 14Page - Maxim Integrated Products MAX9775 Datasheet HTML 15Page - Maxim Integrated Products MAX9775 Datasheet HTML 16Page - Maxim Integrated Products MAX9775 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
2 x 1.5W, Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
______________________________________________________________________________________
13
Typical Operating Characteristics (continued)
(VDD = PVDD = CPVDD = 3.3V, GND = PGND = CPGND = 0V, SHDN = VDD, I2C default gain settings (INA gain = +20dB, INB gain =
INC gain = 0dB, volume setting = 0dB, mono path gain = 0dB, SHDN = 1, SSM = 1). Speaker load resistors (RLSP) are terminated
between OUT_+ and OUT_-, headphone load resistors are terminated to GND, unless otherwise stated. C1 = C2 = C3 = 1µF. TA =
+25°C, unless otherwise noted.)
OUTPUT POWER
vs. LOAD
LOAD (
Ω)
100
20
40
60
80
100
120
140
160
180
200
0
10
1000
THD+N = 10%
THD+N = 1%
VDD = 5V
f = 1kHz
OUTPUT POWER
vs. LOAD
LOAD (
Ω)
100
20
40
60
80
100
120
140
160
180
200
0
10
1000
THD+N = 10%
THD+N = 1%
VDD = 3.3V
f = 1kHz
OUTPUT POWER vs. LOAD RESISTANCE
AND CHARGE-PUMP CAPACITOR SIZE
LOAD (
Ω)
0
20
40
60
80
100
10
100
1000
C1 = C2 = 2.2
µF
VDD = 3.3V
f = 1kHz
THD+N = 1%
C1 = C2 = 1
µF
C1 = C2 = 0.68
µF
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
HPL
HPR
VDD = 3.3V
VIN = 100mVP-P
RL = 32
Ω
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (Hz)
15k
10k
5k
-120
-100
-80
-60
-40
-20
0
20
-140
0
20k
VDD = 3.3V
f = 1kHz
RL = 32
Ω
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
OUT_ = 1VP-P
RL = 32
Ω
LEFT TO RIGHT
RIGHT TO LEFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com