Electronic Components Datasheet Search
  English  ▼

X  

TDA9852 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9852
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9852 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9852 Datasheet HTML 13Page - NXP Semiconductors TDA9852 Datasheet HTML 14Page - NXP Semiconductors TDA9852 Datasheet HTML 15Page - NXP Semiconductors TDA9852 Datasheet HTML 16Page - NXP Semiconductors TDA9852 Datasheet HTML 17Page - NXP Semiconductors TDA9852 Datasheet HTML 18Page - NXP Semiconductors TDA9852 Datasheet HTML 19Page - NXP Semiconductors TDA9852 Datasheet HTML 20Page - NXP Semiconductors TDA9852 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
1997 Mar 11
17
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9852
Automatic volume level control (AVL)
Zi
input impedance
8.8
11.0
13.2
k
Ω
Vi(rms)
maximum input voltage
(RMS value)
THD < 0.2%
2
tbf
−
V
Gv
gain, maximum boost
5
6
7
dB
maximum attenuation
14
15
16
dB
Gstep
equivalent step width between
the input stages
(soft switching system)
−
1.5
−
dB
Viop(rms)
input level at maximum boost
(RMS value)
−
0.1
−
V
input level at maximum
attenuation (RMS value)
−
1.125
−
V
Vo(rms)
output level in AVL operation
(RMS value)
see Fig.5
160
200
250
mV
VDC OFF
DC offset between different
gain steps
voltage at pin CAV
6.50 to 6.33 V or
6.33 to 6.11 V or
6.11 to 5.33 V or
5.33 to 2.60 V; note 6
−−
6mV
Ratt
discharge resistors for attack
time constant
AT1 = 0; AT2 = 0; note 7
340
420
520
Ω
AT1 = 1; AT2 = 0; note 7
590
730
910
Ω
AT1 = 0; AT2 = 1; note 7
0.96
1.2
1.5
k
Ω
AT1 = 1; AT2 = 1; note 7
1.7
2.1
2.6
k
Ω
Idec
charge current for decay time
normal mode; CCD = 0; note 8 1.6
2.0
2.4
µA
power-on speed-up; CCD = 1;
note 8
−
tbf
−µA
Selector from pins LOL, LOR, LIL and LIR to pins SOL and SOR
Zi
input impedance
16
20
24
k
Ω
α
s
input isolation of one selected
source to the other input
Vi =1V; fi = 1 kHz
86
96
−
dB
Vi =1V; fi = 12.5 kHz
80
96
−
dB
Vi(rms)
maximum input voltage
(RMS value)
THD < 0.5%
2
2.3
−
V
VDC OFF
DC offset voltage at selector
output by selection of any
inputs
−−
25
mV
Zo
output impedance
−
80
120
Ω
RL
output load resistance
5
−−
k
Ω
CL
output load capacitance
0
−
2.5
nF
Gv
voltage gain, selector
−
0
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com