Electronic Components Datasheet Search
  English  ▼

X  

GPNE555 Datasheet(PDF) 5 Page - GTM CORPORATION

Part # GPNE555
Description  SINGLE TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GPNE555 Datasheet(HTML) 5 Page - GTM CORPORATION

  GPNE555 Datasheet HTML 1Page - GTM CORPORATION GPNE555 Datasheet HTML 2Page - GTM CORPORATION GPNE555 Datasheet HTML 3Page - GTM CORPORATION GPNE555 Datasheet HTML 4Page - GTM CORPORATION GPNE555 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5/5
ISSUED DATE :2005/08/10
REVISED DATE :2006/05/15B
Application Circuit
Application Notes
The application circuit shows astable mode configuration.
Pin 6 (Threshold) is tied to Pin 2 (Trigger) and Pin 4 (Reset) is tied to VCC (Pin 8). The external capacitor C1
of Pin 6 and Pin 2 charges through RA, RB and discharge through RB only. In the internal circuit of GPNE555,
one input of the upper comparator is at voltage of 2/3VCC (R1=R2=R3), another input is connected to Pin 6. As
soon as C1 is charging to higher than 2/3VCC, transistor Q1 is turned ON and discharge C1 to collector voltage
of transistor Q1. Therefore, the flip-flop circuit is reset and output is low. One input of lower comparator is at
voltage of 1/3VCC, discharge transistor Q1 turn off and C1 charges through RA and RB. Therefore, flip-flop
circuit is set output high.
That is, when C1 charges through RA and RB, output is high and when C1 discharge through RB, output is
low. The charge time (output is high) t1 is 0.693 (RA+RB) C1 and the discharge time (output is low) T2 is
0.693RB*C1.
In
=0.693
T1=0.693*(RA+RB)*C1
Thus the total period time T is given by
T2=0.693*RB*C1
T=T1+T2=0.693(RA+2RB)*C1.
Then the frequency of astable mode is given by
f =
=
The duty cycle is given by
D.C. =
=
.
portant Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
FLIP-FLOP
GPNE555
1
3
Vcc-
Vcc
2
13
Vcc-
Vcc
1
T
(RA+2RB)*C1
1.44
T2
T
RA+2RB
RB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com