Electronic Components Datasheet Search
  English  ▼

X  

M41ST85WMH6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41ST85WMH6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41ST85WMH6 Datasheet HTML 22Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 23Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 24Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 25Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 26Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 27Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 28Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 29Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
M41ST85W
26/34
Figure 21. Bus Timing Requirements Sequence
Table 12. AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V (except where otherwise noted).
2. Transmitter must internally provide a hold time to bridge the undefined region (300ns max) of the falling edge of SCL.
Symbol
Parameter(1)
Min
Max
Unit
fSCL
SCL Clock Frequency
0
400
kHz
tBUF
Time the bus must be free before a new transmission can start
1.3
µs
tEXPD
EX to ECON Propagation Delay
15
ns
tF
SDA and SCL Fall Time
300
ns
tHD:DAT
(2)
Data Hold Time
0
µs
tHD:STA
START Condition Hold Time (after this period the first clock pulse is generated)
600
ns
tHIGH
Clock High Period
600
ns
tLOW
Clock Low Period
1.3
µs
tR
SDA and SCL Rise Time
300
ns
tSU:DAT
Data Setup Time
100
ns
tSU:STA
START Condition Setup Time (only relevant for a repeated start condition)
600
ns
tSU:STO
STOP Condition Setup Time
600
ns
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com