Electronic Components Datasheet Search
  English  ▼

X  

STB50NE10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB50NE10
Description  N-channel 100V - 0.021Ω - 50A - D2PAK STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50NE10 Datasheet(HTML) 1 Page - STMicroelectronics

  STB50NE10_06 Datasheet HTML 1Page - STMicroelectronics STB50NE10_06 Datasheet HTML 2Page - STMicroelectronics STB50NE10_06 Datasheet HTML 3Page - STMicroelectronics STB50NE10_06 Datasheet HTML 4Page - STMicroelectronics STB50NE10_06 Datasheet HTML 5Page - STMicroelectronics STB50NE10_06 Datasheet HTML 6Page - STMicroelectronics STB50NE10_06 Datasheet HTML 7Page - STMicroelectronics STB50NE10_06 Datasheet HTML 8Page - STMicroelectronics STB50NE10_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2006
Rev 5
1/13
13
STB50NE10
N-channel 100V - 0.021
Ω - 50A - D2PAK
STripFET™ Power MOSFET
General features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Low gate charge at 100 °C
■ Application oriented characterization
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB50NE10
100V
<0.027
Ω
50A
D2PAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB50NE10T4
B50NE10
D2PAK
Tape & reel


Similar Part No. - STB50NE10_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
Jun-1998
More results

Similar Description - STB50NE10_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40NF10L STMICROELECTRONICS-STB40NF10L Datasheet
435Kb / 9P
N-CHANNEL 100V - 0.028Ω - 40A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
Dec-1998
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
Jun-1998
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
May-1999
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
May-2005
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
STB40NF10 STMICROELECTRONICS-STB40NF10_07 Datasheet
411Kb / 13P
N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com