Electronic Components Datasheet Search
  English  ▼

X  

GQ2113 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GQ2113
Description  CMOS POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GQ2113 Datasheet(HTML) 3 Page - GTM CORPORATION

  GQ2113 Datasheet HTML 1Page - GTM CORPORATION GQ2113 Datasheet HTML 2Page - GTM CORPORATION GQ2113 Datasheet HTML 3Page - GTM CORPORATION GQ2113 Datasheet HTML 4Page - GTM CORPORATION GQ2113 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ISSUED DATE :2004/12/24
REVISED DATE :
Ordering Information ( contd.)
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GQ2113-15
3A152
XXXX
1.5V
GQ2113-18
3A182
XXXX
1.8V
GQ2113-19
3A192
XXXX
1.9V
GQ2113-20
3A202
XXXX
2.0V
GQ2113-25
3A252
XXXX
2.5V
GQ2113-27
3A272
XXXX
2.7V
GQ2113-28
3A282
XXXX
2.8V
GQ2113-2H
3A2H2
XXXX
2.85V
GQ2113-29
3A292
XXXX
2.9V
GQ2113-30
3A302
XXXX
3.0V
GQ2113-31
3A312
XXXX
3.1V
GQ2113-33
3A332
XXXX
3.3V
GQ2113-34
3A342
XXXX
3.4V
GQ2113-35
3A352
XXXX
3.5V
GQ2113-36
3A362
XXXX
3.6V
GQ2113-37
3A372
XXXX
3.7V
GQ2113-38
3A382
XXXX
3.8V
Characteristics Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com