Electronic Components Datasheet Search
  English  ▼

X  

GSA684 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSA684
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSA684 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSA684 Datasheet HTML 1Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
!
!
1/1
ISSUED DATE :2003/10/24
REVISED DATE :2004/11/29B
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92
G
G S
S A
A668844
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A LL P
P LL A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSA684 is designed for power amplifier and driver.
Features
*Low collector to emitter saturation voltage VCE(sat).
*Complementary pair with GSC1384
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collect Current(DC)
IC
-1
A
Collect Current*(Pulse)
ICP
-1.5
A
Junction Temperature
Tj
+150
Storage Temperature Range
TsTG
-55 ~ +150
Total Power Dissipation
PD
1
W
ELECTRICAL Characteristics (Ta = 25 : ,unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VCBO
-60
-
-
V
IC=-10uA,IE=0
VCEO
-50
-
-
V
IC=-2mA,IB=0
VEBO
-5
-
-
V
IE=-10uA,IC=0
ICBO
-
-
-0.1
uA
VCB=-20V,IE=0
VCE(sat)
-
-200
-400
mV
lC=-0.5A,IB=-50mA(note)
VBE(sat)
-
-0.85
-1.2
V
IC=-0.5A, IB=-50mA(note)
*hFE1
85
160
340
VCE=-10V,IC=-500mA(note)
*hFE2
50
100
-
VCE=-5V,IC=-1A(note)
fT
-
200
-
MHz
VCE=-10V,IB=-50mA,f=200MHz
Cob
-
11
20
pF
VCB=-10V,IE=0,f=1MHz
Note: Pulse measurement
Classification Of hFE1
Rank
Q
R
S
Range
85-170
120-240
170-340
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Similar Part No. - GSA684

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSA684 ETL-GSA684 Datasheet
146Kb / 1P
The GSA684 is designed for power amplifier and driver
More results

Similar Description - GSA684

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com