Electronic Components Datasheet Search
  English  ▼

X  

GSB772S Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSB772S
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSB772S Datasheet(HTML) 1 Page - GTM CORPORATION

  GSB772S Datasheet HTML 1Page - GTM CORPORATION GSB772S Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2004/09/13
REVISED DATE :2004/11/29B
GSB772S
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSB772S is designed for using in output stage of 0.75W amplifier, voltage regulator, DC-DC converter and driver.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
-40
V
Collector to Emitter Voltage at Ta=25 :
VCEO
-30
V
Emitter to Base Voltage at Ta=25 :
VEBO
-5.0
V
Collector Current at Ta=25 :
IC
-3.0
A
Total Power Dissipation at Ta=25 :
PD
750
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA
BVCEO
-30
-
-
V
IC=-10mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-1
uA
VCB=-30V
IEBO
-
-
-1
uA
VEB=-3V
*VCE(sat)
-
-0.3
-0.5
V
IC=-2A, IB=-0.2A
*VBE(sat)
-
-1
-2
V
IC=-2A, IB=-0.2A
*hFE1
30
-
-
VCE=-2V, IC=-20mA
*hFE2
100
160
500
VCE=-2V, IC=-1A
fT
-
80
-
MHz
VCE=-20V, IC=-20mA, f=100MHz
Cob
-
55
-
Pf
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle 2%
Classification Of hFE2
Rank
Q
P
E
Range
100-200
160-320
250-500
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


Similar Part No. - GSB772S

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSB772S ETL-GSB772S Datasheet
131Kb / 2P
The GSB772S is designed for using in output stage of 0.75W amplifier, voltage regulator, DC-DC converter and driver.
logo
GTM CORPORATION
GSB772SS GTM-GSB772SS Datasheet
275Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GSB772SS ETL-GSB772SS Datasheet
278Kb / 3P
The GSB772SS is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator
More results

Similar Description - GSB772S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com