Electronic Components Datasheet Search
  English  ▼

X  

GSB1694 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSB1694
Description  PNP EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSB1694 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSB1694 Datasheet HTML 1Page - GTM CORPORATION GSB1694 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSB1694
Page: 1/2
ISSUED DATE :2006/01/18
REVISED DATE :
G
G S
S B
B 11669944
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSB1694 is designed for general purpose amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current
IC
-1
A
Total Power Dissipation
PD
225
mW
Electrical Characteristics (Ta = 25 : , unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-30
-
-
V
IC=-10uA, IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-6
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-30V, IE=0
IEBO
-
-
-100
nA
VEB=-6V, IC=0
VCE(sat)
-
-
-380
mV
IC=-500mA, IB=-25mA
*hFE
120
-
500
VCE=-2V, IC=-100mA
*fT
-
320
-
MHz
VCE=-2V, IE=100mA, f=100MHz
Cob
-
7
-
pF
VCB=-10V, f=1MHz
*Pulsed Test
Classification Of hFE
Rank
ESC
ESD
ESE
Range
100 ~ 200
160 ~ 300
250 ~ 500


Similar Part No. - GSB1694

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
The GSB1694 is designed for general purpose amplifier applications
More results

Similar Description - GSB1694

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
PNP EPITAXIAL TRANSISTOR
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
PNP EPITAXIAL TRANSISTOR
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com