Electronic Components Datasheet Search
  English  ▼

X  

TDA9962 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9962
Description  12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9962 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9962 Datasheet HTML 14Page - NXP Semiconductors TDA9962 Datasheet HTML 15Page - NXP Semiconductors TDA9962 Datasheet HTML 16Page - NXP Semiconductors TDA9962 Datasheet HTML 17Page - NXP Semiconductors TDA9962 Datasheet HTML 18Page - NXP Semiconductors TDA9962 Datasheet HTML 19Page - NXP Semiconductors TDA9962 Datasheet HTML 20Page - NXP Semiconductors TDA9962 Datasheet HTML 21Page - NXP Semiconductors TDA9962 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
2000 May 01
18
Philips Semiconductors
Objective specification
12-bit, 3.0 V, 20 Msps analog-to-digital
interface for CCD cameras
TDA9962
APPLICATION INFORMATION
ndbook, full pagewidth
FCE514
1
2
3
4
5
6
7
8
9
10
11
36
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17 18
19
20
21 22 23
24
35
34
33
32
31
30
29
28
27
26
12
25
TDA9962
D11
D10
D9
D8
D6
D5
D4
D3
D2
VCCO
VCCA1
VCCA2
AGND1
AGND2
IN
AGND3
CPCDS1
OFD
TEST
D7
CPCDS2
DCPLC
AGND4
serial
interface
VCCA
VCCA
CCD(2)
VCCA
VCCO
100 nF
100 nF
100 nF
VCCD
100 nF
VCCA
100 nF
VCCD
100 nF
1
µF
1
µF
1
µF
1
µF
(1)
(2)
(2)
D0
D1
VCCD
Fig.11 Application diagram.
(1) Pins SEN and VSYNC should be interconnected when vertical sync signal is not available.
(2) Input signals IN, SHD and SHP must be adjusted to comply with timing signals th(IN;SHP) and th(IN;SHD) (see Chapter “Characteristics”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com