Electronic Components Datasheet Search
  English  ▼

X  

KBDMLQ31.13 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KBDMLQ31.13
Description  This compact LED device is part of the SYNIOS P2720 family.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDMLQ31.13 Datasheet(HTML) 2 Page - OSRAM GmbH

  KBDMLQ31.13 Datasheet HTML 1Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 2Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 3Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 4Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 5Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 6Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 7Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 8Page - OSRAM GmbH KBDMLQ31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
KB DMLQ31.13
DATASHEET
DATASHEET
2 | Version 1.4 | 2023-03-07
SYNIOS® P2720
KB DMLQ31.13
This compact LED device is part of the SYNIOS P2720 family.
Given the scalability of this product family, it provides full perfor-
mance and flexibility with just one footprint. The KB DMLQ31.13
product is meant to provide superior light quality in ½ mm² chip
size class.
Applications
- Static Signaling
Features
- Package: SMD epoxy package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 453 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com