Electronic Components Datasheet Search
  English  ▼

X  

MBRF30H100CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRF30H100CTG
Description  Switch-mode Power Rectifier 100 V, 30 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF30H100CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MBRF30H100CTG Datasheet HTML 1Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 2Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 3Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 4Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 5Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 6Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 7Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 8Page - ON Semiconductor MBRF30H100CTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MBR30H100CTG, MBRF30H100CTG
www.onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(TC = 156C)
Per Diode
Per Device
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Square Wave, 20 kHz, TC = 151C)
IFM
30
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
250
A
Operating Junction Temperature (Note 1)
TJ
+175
C
Storage Temperature
Tstg
*65 to +175
C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Controlled Avalanche Energy (see test conditions in Figures 13 and 14)
WAVAL
200
mJ
ESD Ratings: Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance
(MBR30H100CTG) − Junction−to−Case
− Junction−to−Ambient
(MBRF30H100CTG) − Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
RqJC
RqJA
2.0
60
4.2
75
C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
Min
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 15 A, TJ = 25C)
(iF = 15 A, TJ = 125C)
(iF = 30 A, TJ = 25C)
(iF = 30 A, TJ = 125C)
vF
−
−
−
−
0.76
0.64
0.88
0.76
0.80
0.67
0.93
0.80
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TJ = 125C)
(Rated DC Voltage, TJ = 25C)
iR
−
−
1.1
0.0008
6.0
0.0045
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle  2.0%.
ORDERING INFORMATION
Device Order Number
Package Type
Shipping†
MBR30H100CTG
TO−220
(Pb−Free)
50 Units / Rail
MBRF30H100CTG
TO−220FP
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com