Electronic Components Datasheet Search
  English  ▼

X  

MBR350 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR350
Description  Axial Lead Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR350 Datasheet(HTML) 3 Page - ON Semiconductor

  MBR350 Datasheet HTML 1Page - ON Semiconductor MBR350 Datasheet HTML 2Page - ON Semiconductor MBR350 Datasheet HTML 3Page - ON Semiconductor MBR350 Datasheet HTML 4Page - ON Semiconductor MBR350 Datasheet HTML 5Page - ON Semiconductor MBR350 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR350, MBR360
www.onsemi.com
3
VR, REVERSE VOLTAGE (VOLTS)
IF (AV), AVERAGE FORWARD CURRENT (AMPS)
0
2.0
1.0
3.0
4.0
5.0
1.0
2.0
3.0
4.0
5.0
TJ = 150C
dc
SQUARE
WAVE
020
10
30
40
50
70
300
TJ = 25C
200
40
30
50
100
Figure 4. Power Dissipation
Figure 5. Typical Capacitance
0
TYPICAL VALUES FOR RqJA IN STILL AIR
Data shown for thermal resistance, junction−to−ambient (RqJA) for the mountings shown is to be used as
typical guideline values for preliminary engineering, or in case the tie point temperature cannot be measured.
1
2
3
Mounting
Method
Lead Length, L (in)
1/8
1/4
1/2
3/4
RqJA
50
51
53
55
C/W
C/W
C/W
58
59
61
63
28
NOTE 4 — MOUNTING DATA
Mounting Method 1
P.C. Board where available
copper surface is small.
L
L
L
Mounting Method 2
Vector Push−In Terminals T−28
L
Mounting Method 3
P.C. Board with 2−1/2 in X 2−1/2 in
copper surface.
L = 1/2’’
Board Ground Plane



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com