Electronic Components Datasheet Search
  English  ▼

X  

ELJFA221MF Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ELJFA221MF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFA221MF Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ELJFA221MF Datasheet HTML 7Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 8Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 9Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 10Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 11Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 12Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 13Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 14Page - Panasonic Semiconductor ELJFA221MF Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Chip Inductors
s Embossed Carrier Tape Dimensions in mm (not to scale)
Types RE, PE, ND, NC, FC, PC (W=8 mm)
Types NA, FA, SA, PA , EA (W=8 mm)
Type FB (W=12 mm)
s Paper Tape Dimensions in mm (not to scale)
Type RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com