Electronic Components Datasheet Search
  English  ▼

X  

LBM67D Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBM67D
Description  Small size high-flux LED for slim designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBM67D Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBM67D Datasheet HTML 5Page - OSRAM GmbH LBM67D Datasheet HTML 6Page - OSRAM GmbH LBM67D Datasheet HTML 7Page - OSRAM GmbH LBM67D Datasheet HTML 8Page - OSRAM GmbH LBM67D Datasheet HTML 9Page - OSRAM GmbH LBM67D Datasheet HTML 10Page - OSRAM GmbH LBM67D Datasheet HTML 11Page - OSRAM GmbH LBM67D Datasheet HTML 12Page - OSRAM GmbH LBM67D Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LB M67D
DATASHEET
DATASHEET
9 | Version 1.4 | 2024-02-12
Forward current 7)
I
F = f(VF); TS = 25 °C
LB M67D
2.42.5
2.62.7
2.82.9
VF /V
0.25
2
4
6
8
10
IF /mA
Relative Luminous Intensity 7), 8)
I
v/Iv(1.5 mA) = f(IF); TS = 25 °C
LB M67D
IF /mA
0
1
2
3
4
5
6
IV
IV(1.5mA)
Dominant Wavelength 7)
λ
dom = f(IF); TS = 25 °C
LB M67D
IF /mA
-6
-4
-2
0
2
4
6
∆λ dom /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com