Electronic Components Datasheet Search
  English  ▼

X  

FALXT972MLAA4 Datasheet(PDF) 21 Page - Intel Corporation

Part # FALXT972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MLAA4 Datasheet(HTML) 21 Page - Intel Corporation

Back Button FALXT972MLAA4 Datasheet HTML 17Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 18Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 19Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 20Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 21Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 22Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 23Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 24Page - Intel Corporation FALXT972MLAA4 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
21
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.0
Functional Description
This chapter has the following sections:
• Section 5.1, “Device Overview”
• Section 5.2, “Network Media / Protocol Support”
• Section 5.3, “Operating Requirements”
• Section 5.4, “Initialization”
• Section 5.5, “Establishing Link”
• Section 5.6, “MII Operation”
• Section 5.7, “100 Mbps Operation”
• Section 5.8, “10 Mbps Operation”
• Section 5.9, “Monitoring Operations”
• Section 5.10, “Boundary Scan (JTAG 1149.1) Functions”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com