Electronic Components Datasheet Search
  English  ▼

X  

1754911 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1754911
Description  FKCN 2,5/14-STF-5,08 - PCB connector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754911 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1754911 Datasheet HTML 1Page - PHOENIX CONTACT 1754911 Datasheet HTML 2Page - PHOENIX CONTACT 1754911 Datasheet HTML 3Page - PHOENIX CONTACT 1754911 Datasheet HTML 4Page - PHOENIX CONTACT 1754911 Datasheet HTML 5Page - PHOENIX CONTACT 1754911 Datasheet HTML 6Page - PHOENIX CONTACT 1754911 Datasheet HTML 7Page - PHOENIX CONTACT 1754911 Datasheet HTML 8Page - PHOENIX CONTACT 1754911 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Dimensional drawing
Pitch
5.08 mm
Width [w]
81.12 mm
Height [h]
10.9 mm
Length [l]
27.1 mm
Mounting
Flange
Tightening torque
0.3 Nm
Notes
Notes on operation
In accordance with IEC 61984, COMBICON connectors have no
switching power (COC). During designated use, they must not be
plugged in or disconnected when carrying voltage or under load.
Mechanical tests
Conductor connection
Specification
IEC 60999-1:1999-11
Result
Test passed
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Repeated connection and disconnection
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
2.5 mm² / flexible / > 50 N
Insertion and withdrawal forces
Specification
IEC 60512-13-2:2006-02
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
11 N
Withdraw strength per pos. approx.
10 N
FKCN 2,5/14-STF-5,08 - PCB connector
1754911
https://www.phoenixcontact.com/us/products/1754911
Aug 9, 2024, 6:59 AM
Page 4 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com