Electronic Components Datasheet Search
  English  ▼

X  

GSC79L18 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSC79L18
Description  NEGATIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC79L18 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSC79L18 Datasheet HTML 1Page - GTM CORPORATION GSC79L18 Datasheet HTML 2Page - GTM CORPORATION GSC79L18 Datasheet HTML 3Page - GTM CORPORATION GSC79L18 Datasheet HTML 4Page - GTM CORPORATION GSC79L18 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CORPORATION
GSC79LXX
Page: 2/5
ISSUED DATE :2006/06/26
REVISED DATE :
Electrical Characteristics
GSC79L05 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -10V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-4.85
-5.0
-5.15
VO
B-Rank (5%)
-4.75
-
-5.25
V
Vin= -10V, Io=40mA, Tj=25 :
-7V Vin -20V, 1mA Io 40mA
Vin= -10V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
15
150
mV
-7V Vin -20V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
20
60
mV
Vin= -10V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin= -10V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -10V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-8V Vin -20V, Io=40mA
Vn
-
40
-
V
10Hz f 100KHz
RR
41
49
-
dB
-8V Vin -18V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
GSC79L06 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -11V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-5.82
-6.0
-6.18
VO
B-Rank (5%)
-5.70
-
-6.30
V
Vin= -11V, Io=40mA, Tj=25 :
-8V Vin -20V, 1mA Io 40mA
Vin= -11V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
20
150
mV
-8V Vin -20V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
21
60
mV
Vin= -11V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin= -11V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -11V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-9V Vin -20V, Io=40mA
Vn
-
44
-
V
10Hz f 100KHz
RR
40
48
-
dB
-9V Vin 19V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
GSC79L08 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -14V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-7.76
-8.0
-8.24
VO
B-Rank (5%)
-7.60
-
-8.40
V
Vin= -14V, Io=40mA, Tj=25 :
-10.5V Vin -23V, 1mA Io 40mA
Vin= -14V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
42
175
mV
-10.5V Vin -23V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
30
80
mV
Vin= -14V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin= -14V, Io=40mA, Tj=25 :
-
-
0.1
Vin=-14V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-11V Vin -23V, Io=40mA
Vn
-
54
-
V
10Hz f 100KHz
RR
37
46
-
dB
-11V Vin -21V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com