Electronic Components Datasheet Search
  English  ▼

X  

EM78P211NMS Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM78P211NMS
Description  8-Bit Microcontroller with OTP ROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P211NMS Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM78P211NMS Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P211NMS Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P211NMS Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P211NMS Datasheet HTML 4Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EM78P211/2N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 03.20.2007
• 1
(This specification is subject to change without further notice)
1
General Description
EM78P211N and EM78P212N are 8-bit microprocessors designed and developed with low-power and high-speed CMOS
technology. Each device in the series has as an on-chip 2K
×13-bit Electrical One Time Programmable Read Only Memory
(OTP-ROM). Each provides a protection bit to prevent intrusion of user’s OTP memory code. Two Code option bits are
also available to meet user’s requirements.
With its enhanced OTP-ROM features, each device provides a convenient way of developing and verifying user’s
programs. Moreover, this OTP devices offer the advantages of easy and effective program updates, using development
and programming tools. User can avail of the ELAN Writer to easily program his development code.
2
Features
CPU configuration
• 2K×13 bits on-chip OTP-ROM
• 80×8 bits on-chip registers (SRAM)
• 8-level stacks for subroutine nesting
• 3 programmable Level Voltage Reset
(LVR) : 4.0V, 3.0V, 2.5V
• Less than 1.5 mA at 5V/4MHz
• Typically 15 µA, at 3V/32kHz
• Typically 2 µA, during sleep mode
I/O port configuration
• 4 bidirectional I/O ports: P5, P6, P7 and P8
• Wake-up port : P6
• 22 I/O pins
• 8 programmable pull-down I/O pins
• 8 programmable pull-high I/O pins
• 8 programmable open-drain I/O pins
• 16 Programmable high sink current I/O pins
• 8 Programmable high drive current I/O pins
• External interrupt : P77, P71
Operating voltage range:
• OTP version:
Operating voltage range: 2.1V~5.5V (commercial)
Operating voltage range: 2.3V~5.5V (industrial)
Operating temperature range:
Operating temperature range: 0
°C~70°C (commercial)
Operating temperature range: -40
°C~85°C (industrial)
Operating frequency range
• Crystal mode:
DC~12MHz/2 clks @ 4.0V; DC~166ns inst. cycle @
4.0V
DC ~ 8MHz/2 clks @ 3V; DC~250ns inst. Cycle @ 3V
• ERC mode:
DC ~ 16MHz/2 clks @ 4.5V; DC~125ns inst. cycle @
4.5V
DC ~ 8MHz/2 clks @ 3V; DC ~ 250ns inst. Cycle @ 3V
• IRC mode:
Oscillation mode: 16MHz, 4 MHz, 1 MHz, 455kHz
Process deviation: Typ
± 3%, Max. ± 5%
Temperature deviation:
± 5% (-40°C~85°C)
Drift Rate
Internal RC
Frequency
Temperature
(-40
°C+85°C)
Voltage
(2.1V~5.5V)
Process
Total
4MHz
±5%
±5%
±4%
±14%
16MHz
±5%
±5%
±4%
±14%
1MHz
±5%
±5%
±4%
±14%
455MHz
±5%
±5%
±4%
±14%
All these four main frequencies can be trimmed by
programming with four calibrated bits in the ICE220N
Simulator. OTP is auto trimmed by ELAN Writer
(DWTR).
Fast set-up time requires only 800
µs (VDD:5V,
Crystal: 4MHz, C1/C2: 30pF) in HXT2 mode and 64
µs in
IRC mode (VDD:5V IRC:4MHz)
Peripheral configuration
•
8-bit real time clock/counter (TCC) with selective
signal sources, trigger edges, and overflow interrupt
• One comparator
(offset voltage is smaller than 10mV)
Five available interrupts
• TCC overflow interrupt
• Input-port status changed interrupt (wake up from
sleep mode)
• Two External interrupts
• Comparator high/low interrupt
Special Features
• Programmable free running Watchdog Timer
• Two clocks per instruction cycle
• Power-on voltage detector available (1.8 V± 0.1V)
• High EFT immunity (better performance at 4MHz or
below
• Power saving Sleep mode
• Selectable Oscillation mode
Package Type:
• 20-pin DIP 300mil
: EM78P211NPS/NPJ
• 20-pin SOP 300mil
: EM78P211NMS/NMJ
• 20-pin SSOP 209mil
: EM78P211NAMS/NAMJ
• 24-pin skinny DIP 300mil : EM78P212NKS/NKJ
• 24 pin SOP 300mil
: EM78P212NMS/NMJ
• 24 pin SSOP 209mil
: EM78P212NAMS/NAMJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com