Electronic Components Datasheet Search
  English  ▼

X  

GSC1815 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSC1815
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC1815 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSC1815 Datasheet HTML 1Page - GTM CORPORATION GSC1815 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GSC1815
Page: 1/2
ISSUED DATE :2004/07/09
REVISED DATE :2004/11/29B
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
GSC1815
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T A
A N
N S
S II S
S T
T O
O R
R
Description
The GSC1815 is designed for use in driver stage of AF amplifier and general purpose applications.
Features
*Complementary to GSA1015
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
50
mA
Total Power Dissipation
PD
400
mW
Characteristics at Ta = 25
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA
BVCEO
50
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10uA
ICBO
-
-
100
nA
VCE=60V, IE = 0
IEBO
-
-
100
nA
VEB=5V, Ic = 0
*VCE(sat)
-
0.1
0.25
V
IC=100mA, IB=10mA
*VBE(sat)
-
-
1.0
V
IC=100mA, IB=10mA
hFE1
70
-
700
VCE=6V, IC=2mA
hFE2
25
-
-
VCE=6V, IC=150mA
fT
80
-
-
MHz
VCE=10V, IC=1mA, f=100MHz
Cob
-
-
3.0
pF
VCB=10V, IE = 0,f=1MHz
* Pulse Test: Pulse Width 380us, Duty Cycle 2%
Classification Of hFE1
Rank
O
Y
GR
L
Range
70-140
120-240
200-400
350-700
TO-92


Similar Part No. - GSC1815

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC1815 ETL-GSC1815 Datasheet
148Kb / 2P
N P N E P I T A X I A L P L A N A R T A N S I S T O R
More results

Similar Description - GSC1815

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com