Electronic Components Datasheet Search
  English  ▼

X  

GSC2117 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSC2117
Description  750mA CMOS POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2117 Datasheet(HTML) 3 Page - GTM CORPORATION

  GSC2117 Datasheet HTML 1Page - GTM CORPORATION GSC2117 Datasheet HTML 2Page - GTM CORPORATION GSC2117 Datasheet HTML 3Page - GTM CORPORATION GSC2117 Datasheet HTML 4Page - GTM CORPORATION GSC2117 Datasheet HTML 5Page - GTM CORPORATION GSC2117 Datasheet HTML 6Page - GTM CORPORATION GSC2117 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GSC2117
Page: 3/7
ISSUED DATE :2006/04/12
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GSC2117-AD
7AAD2
XXXX
Adjustable
Detailed Description
The GSC2117 of COMS regulator contains a PMOS pass transistor, voltage reference, error amplifier, over-
current protection, and thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
140 : , or the current exceeds 2.2A. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GSC2117 behaves like a current source when the load reaches 2.2A. However, if the load impedance
drops below 0.3ohms, the current drops back to 600mA to prevent excessive power dissipation. Normal
operation is restored when the load resistance exceeds 0.75ohms.
External Capacitors
The GSC2117 is stable with an output capacitance to ground of 4.7 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are
comparatively expensive. One option is to parallel a 0.1 F ceramic capacitor with a 10uF Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should
be at least 0.1 F to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.
Enable
When EN pin is pulled low, the PMOS pass transistor shuts off, and all internal circuits are powered down. In
this state, the quiescent current is less than 2 A. This pin behaves much like an electronic switch.
100K resistor is necessary between VEN source and EN pin when VEN is high than VIN.
(Note: There is no internal pull-up for EN pin. It can not be floating.)
Adjustable Version
The adjustable version uses external feedback resistors to generate an output voltage anywhere from 1.5V to
5.0V. Vadj is trimmed to 1.24V and Vout is given by the equation:
VOUT=Vadj * (1+R1/R2)
Feedback resistors R1 and R2 should be high enough to keep quiescent current low, but increasing R1+R2 will
reduce stability. In general, R1 and R2 in the 10’s of k will produce adequate stability, given reasonable
layout precautions. To improve stability characteristics, keep parasitic on the ADJ pin to minimum, and lower
R1 and R2 values.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com