Electronic Components Datasheet Search
  English  ▼

X  

M33504 Datasheet(PDF) 1 Page - Alpha Wire

Part # M33504
Description  18 (16/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M33504 Datasheet(HTML) 1 Page - Alpha Wire

  M33504 Datasheet HTML 1Page - Alpha Wire M33504 Datasheet HTML 2Page - Alpha Wire M33504 Datasheet HTML 3Page - Alpha Wire M33504 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. M33504
Construction
 
Diameters (In)
1) Component 1
4 X 1 COND
 
a) Conductor
18 (16/30) AWG Tinned Copper
0.047
b) Insulation
0.016" Wall, Nom. PVC
0.079
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
3
WHITE
 
2
RED
4
GREEN
 
2) Cable Assembly
4 Components Cabled
 
a) Twists:
4.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
3) Jacket
0.020" Wall, Nom.,PVC
0.231 (0.242 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N M33504 4C 18 AWG
EXXXXX 75C CMG (UL) OR AWM 2509 80C 300V
C(UL) 75C CMG CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications
1) UL
AWM/STYLE 2509
80°C / 300 VRMS
 
CMG
75°C
2) CSA International
C(UL) TYPE CMG
75°C
 
FT4
 
3) CE:
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - M33504

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M3350 PETERMANN-M3350 Datasheet
133Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
Alpha Wire
M33502 ALPHAWIRE-M33502 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
M33503 ALPHAWIRE-M33503 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
M33505 ALPHAWIRE-M33505 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
M33506 ALPHAWIRE-M33506 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
More results

Similar Description - M33504

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1346630 ETC2-1346630 Datasheet
99Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com