Electronic Components Datasheet Search
  English  ▼

X  

M3243 Datasheet(PDF) 2 Page - Alpha Wire

Part # M3243
Description  18 (16/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M3243 Datasheet(HTML) 2 Page - Alpha Wire

  M3243 Datasheet HTML 1Page - Alpha Wire M3243 Datasheet HTML 2Page - Alpha Wire M3243 Datasheet HTML 3Page - Alpha Wire M3243 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
Properties
Physical & Mechanical Properties
1) Temperature Range
-20 to 75°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
46 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
28 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
50 pF/ft @1 kHz, Nominal
4) Inductance
0.18 μH/ft, Nominal
5) Conductor DCR
7 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
8.2 Ω/1000ft @20°C, Nominal
Other
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
12 x 10.5 x 5 Continuous length
b) 500 FT
12 x 5.94 x 5 Continuous length
c) 100 FT
6.5 x 4 x 2.5 Continuous length
d) Bulk(Made-to-order)
 
 
[Spool dimensions may vary slightly]
www.alphawire.com
Alpha Wire
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and
specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and
specifications does not ensure product availability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com