Electronic Components Datasheet Search
  English  ▼

X  

GSC2138 Datasheet(PDF) 7 Page - GTM CORPORATION

Part # GSC2138
Description  1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2138 Datasheet(HTML) 7 Page - GTM CORPORATION

  GSC2138 Datasheet HTML 1Page - GTM CORPORATION GSC2138 Datasheet HTML 2Page - GTM CORPORATION GSC2138 Datasheet HTML 3Page - GTM CORPORATION GSC2138 Datasheet HTML 4Page - GTM CORPORATION GSC2138 Datasheet HTML 5Page - GTM CORPORATION GSC2138 Datasheet HTML 6Page - GTM CORPORATION GSC2138 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GSC2138
Page: 7/7
ISSUED DATE :2006/04/13
REVISED DATE :
External Resistor Divider Table
R1(k )
1
2
5
10
20
50
R1(k )
1
2
5
10
20
50
VOUT
R2(k )=(1.242*R1(k ))/(VOUT-1.242)
VOUT
R2(k )=(1.242*R1(k ))/(VOUT-1.242)
1.30
21.41 42.83 107.07 214.14 428.28 1070.7
3.20
0.63
1.27
3.17
6.34
12.69 31.72
1.35
11.50 23.00 57.50 115.00 230.00 575.00
3.25
0.62
1.24
3.09
6.19
12.37 30.93
1.40
7.86
15.72 39.30 78.61 157.22 393.04
3.30
0.60
1.21
3.02
6.03
12.07 30.17
1.45
5.97
11.94 29.86 59.71 119.42 298.56
3.35
0.59
1.18
2.95
5.89
11.78
29.46
1.50
4.81
9.63
24.07 48.14 96.28 240.70
3.40
0.58
1.15
2.88
5.76
11.51
28.78
1.55
4.03
8.06
20.16 40.32 80.65 201.62
3.45
0.56
1.13
2.81
5.63
11.25
28.13
1.60
3.47
6.94
17.35 34.69 68.39 173.46
3.50
0.55
1.10
2.75
5.50
11.00
27.50
1.65
3.04
6.09
15.22 30.44 60.88 152.21
3.55
0.54
1.08
2.69
5.38
10.76 26.91
1.70
2.71
5.42
13.56 27.12 54.24 135.59
3.60
0.53
1.05
2.63
5.27
10.53 26.34
1.75
2.44
4.89
12.22 24.45 48.90 122.24
3.65
0.52
1.03
2.58
5.16
10.32 25.79
1.80
2.23
4.45
11.13 22.26 44.52 111.29
3.70
0.51
1.01
2.53
5.05
10.11
25.26
1.85
2.04
4.09
10.21 20.43 40.86 102.14
3.75
0.50
0.99
2.48
4.95
9.90
24.76
1.90
1.89
3.78
9.44
18.88 37.75 94.38
3.80
0.49
0.97
2.43
4.86
9.71
24.28
1.95
1.75
3.51
8.77
17.54 35.08 87.71
3.85
0.48
0.95
2.38
4.76
9.52
23.81
2.00
1.64
3.28
8.19
16.39 32.77 81.93
3.90
0.47
0.93
2.34
4.67
9.35
23.36
2.05
1.54
3.07
7.69
15.37 30.74 76.86
3.95
0.46
0.92
2.29
4.59
9.17
22.93
2.10
1.45
2.90
7.24
14.48 28.95 72.38
4.00
0.45
0.90
2.25
4.50
9.01
22.52
2.15
1.37
2.74
6.84
13.68 27.36 68.39
4.05
0.44
0.88
2.21
4.42
8.85
22.12
2.20
1.30
2.59
6.48
12.96 25.93 64.82
4.10
0.43
0.87
2.17
4.35
8.69
21.73
2.25
1.23
2.46
6.16
12.32 24.65 61.61
4.15
0.43
0.85
2.14
4.27
8.54
21.35
2.30
1.17
2.35
5.87
11.74 23.48 58.70
4.20
0.42
0.84
2.10
4.20
8.40
20.99
2.35
1.12
2.24
5.60
11.21 22.42 56.05
4.25
0.41
0.83
2.06
4.13
8.26
20.64
2.40
1.07
2.15
5.36
10.73 21.45 53.63
4.30
0.41
0.81
2.03
4.06
8.12
20.31
2.45
1.03
2.06
5.14
10.28 20.56 51.41
4.35
0.40
0.80
2.00
4.00
7.99
19.98
2.50
0.99
1.97
4.94
9.87
19.75 49.36
4.40
0.39
0.79
1.97
3.93
7.87
19.66
2.55
0.95
1.90
4.75
9.50
18.99 47.48
4.45
0.39
0.77
1.94
3.87
7.74
19.36
2.60
0.91
1.83
4.57
9.15
18.29 45.73
4.50
0.38
0.76
1.91
3.81
7.62
19.06
2.65
0.88
1.76
4.41
8.82
17.64 44.11
4.55
0.38
0.75
1.88
3.75
7.51
18.77
2.70
0.85
1.70
4.26
8.52
17.04 42.59
4.60
0.37
0.74
1.85
3.70
7.40
18.49
2.75
0.82
1.65
4.12
8.24
16.47 41.18
4.65
0.36
0.73
1.82
3.64
7.29
18.22
2.80
0.80
1.59
3.99
7.97
15.94 39.86
4.70
0.36
0.72
1.80
3.59
7.18
17.96
2.85
0.77
1.54
3.86
7.72
15.45 38.62
4.75
0.35
0.71
1.77
3.54
7.08
17.70
2.90
0.75
1.50
3.75
7.49
14.98 37.45
4.80
0.35
0.70
1.75
3.49
6.98
17.45
2.95
0.73
1.45
3.64
7.27
14.54 36.36
4.85
0.34
0.69
1.72
3.44
6.88
17.21
3.00
0.71
1.41
3.53
7.06
14.13 35.32
4.90
0.34
0.68
1.70
3.40
6.79
16.98
3.05
0.69
1.37
3.43
6.87
13.74 34.35
4.95
0.33
0.67
1.67
3.35
6.70
16.75
3.10
0.67
1.34
3.34
6.68
13.37 33.42
5.00
0.33
0.66
1.65
3.30
6.61
16.52
3.15
0.65
1.30
3.25
6.51
13.02 32.55
Note: Small load (greater than 2mA) is necessary as R1 or R2 is larger than 50k . Otherwise, output voltage probably can not be pulled
down to 0V on disable mode.
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com