Electronic Components Datasheet Search
  English  ▼

X  

TDF8704T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8704T
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8704T Datasheet HTML 5Page - NXP Semiconductors TDF8704T Datasheet HTML 6Page - NXP Semiconductors TDF8704T Datasheet HTML 7Page - NXP Semiconductors TDF8704T Datasheet HTML 8Page - NXP Semiconductors TDF8704T Datasheet HTML 9Page - NXP Semiconductors TDF8704T Datasheet HTML 10Page - NXP Semiconductors TDF8704T Datasheet HTML 11Page - NXP Semiconductors TDF8704T Datasheet HTML 12Page - NXP Semiconductors TDF8704T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
June 1994
9
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must be less than 1 ns.
2. Full-scale sine wave (fi = 4.43 MHz; fclk = 50 MHz).
3. Determined by beat frequency method on a reconstructed sine wave signal for no missing codes and no glitches.
4. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square-wave signal) in order to sample the signal and obtain correct output data.
5. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 4K acquisition points per period. The
calculation takes into account all harmonics and noise up to half of the clock frequency (NYQUIST frequency).
Conversion to signal-to-noise ratio: S/N = EB
× 6.02 + 1.76 dB.
6. Intermodulation measured relative to either tone with analog input frequencies of 4.43 MHz and 4.53 MHz. The two
input signals have the same amplitude and the total amplitude of both signals provides full scale to the converter.
7. Measurement taken using video analyser VM700A.
8. Output data acquisition: the output data is available after the maximum delay time of td.
Timing (note 8; see Figs 5 and 7; fclk = 50 MHz)
tds
sampling delay time
−−
2ns
th
output hold time
5
−−
ns
td
output delay time
−
12
15
ns
3-state output delay times (see Figs 6 and 7)
tdZH
enable HIGH
−
610
ns
tdZL
enable LOW
−
12
16
ns
tdHZ
disable HIGH
−
50
54
ns
tdLZ
disable LOW
−
10
14
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.3
Influence of Tamb on VI(T) and VI(B) under
5 V supply.
handbook, halfpage
60
3.49
3.43
3.45
3.47
MBD868
1.29
1.23
1.25
1.27
V I (T)
(V)
VI (B)
(V)
20
20
60
100
T
( C)
o
0.1 mV/K
0.05 mV/K
VI (T)
VI (B)
amb
Fig.4
Influence of supply voltage on VI(T) and
VI(B) under Tamb = 25 °C.
andbook, halfpage
4.25
4.75
5.75
3.44
3.38
3.40
3.42
MSA689
5.25
1.28
1.22
1.24
1.26
V I (T)
(V)
V I (B)
(V)
17 mV/V
7 mV/V
V
(V)
CC
VI (T)
V I (B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com