Electronic Components Datasheet Search
  English  ▼

X  

GSC2146 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSC2146
Description  600mA CMOS POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2146 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSC2146 Datasheet HTML 1Page - GTM CORPORATION GSC2146 Datasheet HTML 2Page - GTM CORPORATION GSC2146 Datasheet HTML 3Page - GTM CORPORATION GSC2146 Datasheet HTML 4Page - GTM CORPORATION GSC2146 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ISSUED DATE :2006/04/10
REVISED DATE :
G
G S
S C
C 22114466
66 00 00 m
m A
A C
C M
M O
O S
S P
P o
o ss ii tt ii vv ee V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GSC2146 series of positive, linear regulators feature low quiescent current (30 A typ.) with low dropout
voltage, making them ideal for battery applications. The space-saving SOP-8 package is attractive for “Pocket”
and “Hand Held” applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
In applications requiring a low noise, regulated supply, place a 1000pF capacitor between Bypass and ground.
The GSC2146 is stable with an output capacitance of 2.2 F or greater.
Features
Block Diagram
&Very Low Dropout Voltage
&Guaranteed 600mA output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Factory Pre-set Output Voltage
&Highly Accurate± 1.5%
&Noise Reduction Bypass Capacitor
&L
‡Temperature Coefficient
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&Cordless Phones
&PC Peripherals
&Portable Electronics
&Electronic Scales
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Typical Application Circuit


Similar Part No. - GSC2146

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC2146 ETL-GSC2146 Datasheet
353Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2146-15 ETL-GSC2146-15 Datasheet
353Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2146-25 ETL-GSC2146-25 Datasheet
353Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2146-28 ETL-GSC2146-28 Datasheet
353Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2146-29 ETL-GSC2146-29 Datasheet
353Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results

Similar Description - GSC2146

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
GSC2156 GTM-GSC2156 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2166 GTM-GSC2166 Datasheet
346Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2176 GTM-GSC2176 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com