Electronic Components Datasheet Search
  English  ▼

X  

GSC2176 Datasheet(PDF) 6 Page - GTM CORPORATION

Part # GSC2176
Description  600mA CMOS POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2176 Datasheet(HTML) 6 Page - GTM CORPORATION

  GSC2176 Datasheet HTML 1Page - GTM CORPORATION GSC2176 Datasheet HTML 2Page - GTM CORPORATION GSC2176 Datasheet HTML 3Page - GTM CORPORATION GSC2176 Datasheet HTML 4Page - GTM CORPORATION GSC2176 Datasheet HTML 5Page - GTM CORPORATION GSC2176 Datasheet HTML 6Page - GTM CORPORATION GSC2176 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GSC2176
Page: 6/7
ISSUED DATE :2006/03/07
REVISED DATE :
External Resistor Divider Table
R1(K Ohm)
1
2
3
4
5
6
7
8
9
10
VOUT
R2(K Ohm)=(1.215*R1(K Ohm))/(VOUT-1.215)
1.30
14.29
28.59
42.88
57.18
71.47
85.76
100.06
114.35
128.65
142.94
1.35
9.00
18.00
27.00
36.00
45.00
54.00
63.00
72.00
81.00
90.00
1.40
6.57
13.14
19.70
26.27
32.84
39.41
45.97
52.54
59.11
65.68
1.45
5.17
10.34
15.51
20.68
25.85
31.02
36.19
41.36
46.53
51.70
1.50
4.26
8.53
12.79
17.05
21.32
25.58
29.84
34.11
38.37
42.63
1.55
3.63
7.25
10.88
14.51
18.13
21.76
25.39
29.01
32.64
36.27
1.60
3.16
6.31
9.47
12.62
15.78
18.94
22.09
25.25
28.40
31.56
1.65
2.79
5.59
8.38
11.17
13.97
16.76
19.55
22.34
25.14
27.93
1.70
2.51
5.01
7.52
10.02
12.53
15.03
17.54
20.04
22.55
25.05
1.75
2.27
4.54
6.81
9.08
11.36
13.63
15.90
18.17
20.44
22.71
1.80
2.08
4.15
6.23
8.31
10.38
12.46
14.54
16.62
18.69
20.77
1.85
1.91
3.83
5.74
7.65
9.57
11.48
13.39
15.31
17.22
19.13
1.90
1.77
3.55
5.32
7.09
8.87
10.64
12.42
14.19
15.96
17.74
1.95
1.65
3.31
4.96
6.61
8.27
9.92
11.57
13.22
14.88
16.53
2.00
1.55
3.10
4.64
6.19
7.74
9.29
10.83
12.38
13.93
15.48
2.05
1.46
2.91
4.37
5.82
7.28
8.73
10.19
11.64
13.10
14.55
2.10
1.37
2.75
4.12
5.49
6.86
8.24
9.61
10.98
12.36
13.73
2.15
1.30
2.60
3.90
5.20
6.50
7.80
9.10
10.40
11.70
12.99
2.20
1.23
2.47
3.70
4.93
6.17
7.40
8.63
9.87
11.10
12.34
2.25
1.71
2.35
3.52
4.70
5.87
7.04
8.22
9.39
10.57
11.74
2.30
1.12
2.24
3.36
4.48
5.60
6.72
7.84
8.96
10.08
11.20
2.35
1.07
2.14
3.21
4.28
5.35
6.42
7.49
8.56
9.63
10.70
2.40
1.03
2.05
3.08
4.10
5.13
6.15
7.18
8.20
9.23
10.25
2.45
0.98
1.97
2.95
3.94
4.92
5.90
6.89
7.87
8.85
9.84
2.50
0.95
1.89
2.84
3.78
4.73
5.67
6.62
7.56
8.51
9.46
2.55
0.91
1.82
2.73
3.64
4.55
5.46
6.37
7.28
8.19
9.10
2.60
0.88
1.75
2.63
3.51
4.39
5.26
6.14
7.02
7.90
8.77
2.65
0.85
1.69
2.54
3.39
4.23
5.08
5.93
6.77
7.62
8.47
2.70
0.82
1.64
2.45
3.27
4.09
4.91
5.73
6.55
7.36
8.18
2.75
0.79
1.58
2.37
3.17
3.96
4.75
5.54
6.33
7.12
7.92
2.80
0.77
1.53
2.30
3.07
3.83
4.60
5.37
6.13
6.90
7.67
2.85
0.74
1.49
2.23
2.97
3.72
4.46
5.20
5.94
6.69
7.43
2.90
0.72
1.44
2.16
2.88
3.61
4.33
5.05
5.77
6.49
7.21
2.95
0.70
1.40
2.10
2.80
3.50
4.20
4.90
5.60
6.30
7.00
3.00
0.68
1.36
2.04
2.72
3.40
4.08
4.76
5.45
6.13
6.81
3.05
0.66
1.32
1.99
2.65
3.31
3.97
4.63
5.30
5.96
6.62
3.10
0.64
1.29
1.93
2.58
3.22
3.87
4.51
5.16
5.80
6.45
3.15
0.63
1.26
1.88
2.51
3.14
3.77
4.40
5.02
5.65
6.28
3.20
0.61
1.22
1.84
2.45
3.06
3.67
4.28
4.90
5.51
6.12
3.25
0.60
1.19
1.79
2.39
2.99
3.58
4.18
4.78
5.37
5.97
3.30
0.58
1.17
1.75
2.33
2.91
3.50
4.08
4.66
5.24
5.83



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com