Electronic Components Datasheet Search
  English  ▼

X  

GSC4407 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSC4407
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC4407 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSC4407 Datasheet HTML 1Page - GTM CORPORATION GSC4407 Datasheet HTML 2Page - GTM CORPORATION GSC4407 Datasheet HTML 3Page - GTM CORPORATION GSC4407 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSC4407
Page: 2/4
ISSUED DATE :2006/04/20
REVISED DATE :
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
-0.015
-
V/ :
Reference to 25 : , ID=-1mA
Gate Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
13
-
S
VDS=-10V, ID=-10A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±25V
Drain-Source Leakage Current(Tj=25 : )
-
-
-1
uA
VDS=-30V, VGS=0
Drain-Source Leakage Current(Tj=70 : )
IDSS
-
-
-25
uA
VDS=-24V, VGS=0
-
-
14
VGS=-10V, ID=-10A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
20
m
VGS=-4.5V, ID=-5A
Total Gate Charge2
Qg
-
29
46
Gate-Source Charge
Qgs
-
6
-
Gate-Drain (“Miller”) Change
Qgd
-
14
-
nC
ID=-10.7A
VDS=-24V
VGS=-4.5V
Turn-on Delay Time2
Td(on)
-
15
-
Rise Time
Tr
-
12
-
Turn-off Delay Time
Td(off)
-
100
-
Fall Time
Tf
-
70
-
ns
VDS=-15V
ID=-1A
VGS=-10V
RG=3.3
RD=15
Input Capacitance
Ciss
-
2600
4100
Output Capacitance
Coss
-
500
-
Reverse Transfer Capacitance
Crss
-
370
-
pF
VGS=0V
VDS=-25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-10.7A, VGS=0V
Reverse Recovery Time
Trr
-
31
-
ns
Reverse Recovery Charge
Qrr
-
25
-
nC
IS=-10.7A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 125 /W when mounted on Min. copper pad.
:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com