Electronic Components Datasheet Search
  English  ▼

X  

MAX9546 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9546
Description  Differential Video Interface Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9546 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9546_07 Datasheet HTML 4Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 5Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 6Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 7Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 8Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 9Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 10Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 11Page - Maxim Integrated Products MAX9546_07 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not specifi-
cally refer to integrated circuits (Figure 4).
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body Model.
Figure 5 shows the current waveform for the ±8kV IEC
1000-4-2 ESD Contact-Discharge test. The Air-Gap test
involves approaching the device with a charged probe.
The Contact-Discharge method connects the probe to
the device before the probe is energized.
Differential Video Interface Chipset
10
______________________________________________________________________________________
Figure 4.IEC 1000-4-2 ESD Test Model
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50Ω to 100Ω
RD
330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5. IEC 1000-4-2 ESD Generator Current Waveform
I
100%
90%
10%
tr = 0.7ns TO 1ns
60ns
30ns
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com