Electronic Components Datasheet Search
  English  ▼

X  

M62332P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62332P
Description  8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62332P Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62332P Datasheet HTML 1Page - Renesas Technology Corp M62332P Datasheet HTML 2Page - Renesas Technology Corp M62332P Datasheet HTML 3Page - Renesas Technology Corp M62332P Datasheet HTML 4Page - Renesas Technology Corp M62332P Datasheet HTML 5Page - Renesas Technology Corp M62332P Datasheet HTML 6Page - Renesas Technology Corp M62332P Datasheet HTML 7Page - Renesas Technology Corp M62332P Datasheet HTML 8Page - Renesas Technology Corp M62332P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REJ03D0864-0300 Rev.3.00 Jun 15, 2007
Page 1 of 9
M62332P/FP, M62337P/FP
8-bit 2ch I
2C BUS D/A Converter with Buffer Amplifiers
REJ03D0864-0300
Rev.3.00
Jun 15, 2007
Description
The M62332/M62337 is an integrated circuit semiconductor of CMOS structure with 2 channels of built in D/A
converters with output buffer operational amplifiers.
The input is 2-wires serial method is used for the transfer format of digital data to allow connection with a
microcomputer with minimum wiring.
The output buffer operational amplifier employs AB class output circuit with sync and source drive capacity of 1.0 mA
or more, and it operates in the whole voltage range from VCC to ground.
The M62332 and the M62337 differ only in their slave address.
Features
• Digital data transfer format: I2C BUS serial data method
• Output buffer operational amplifier: It operates in the whole voltage range from V
CC to ground.
• High output current drive capacity: ±1.0 mA over
Application
Conversion from digital data to analog control data for home-use and industrial equipment.
Signal gain control or automatic adjustment of display-monitor or CTV.
Block Diagram
AO1
1
2
AO2
8
8
7
6
5
VCC
GND
SCL
SDA
+−
+−
8-bit latch
8-bit latch
8-bit upper
segment R-2R
8-bit upper
segment R-2R
I2C BUS transceiver
Power on
reset
Channel
decoder


Similar Part No. - M62332P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P Datasheet
142Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62332P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com