Electronic Components Datasheet Search
  English  ▼

X  

HA16178P Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HA16178P
Description  Power Factor Correction Controller IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16178P Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HA16178P Datasheet HTML 15Page - Renesas Technology Corp HA16178P Datasheet HTML 16Page - Renesas Technology Corp HA16178P Datasheet HTML 17Page - Renesas Technology Corp HA16178P Datasheet HTML 18Page - Renesas Technology Corp HA16178P Datasheet HTML 19Page - Renesas Technology Corp HA16178P Datasheet HTML 20Page - Renesas Technology Corp HA16178P Datasheet HTML 21Page - Renesas Technology Corp HA16178P Datasheet HTML 22Page - Renesas Technology Corp HA16178P Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
HA16178P/FP
REJ03D0903-0100 Rev.1.00 Jun 12, 2007
Page 19 of 24
120
140
160
180
200
220
240
260
280
3
3.5
4
4.5
5
5.5
6
6.5
7
–40
–20
0
20
40
60
80
100
120
Ta (°C)
–40
–20
0
20
40
60
80
100
120
Operating Current Temperature Characteristics
Ta (°C)
Standby Current Temperature Characteristics
Vcc = 9.5 V
Vcc = 12 V
CL = 0 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com