Electronic Components Datasheet Search
  English  ▼

X  

M62343FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62343FP
Description  8-Bit D/A Converter (Buffered)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62343FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62343FP Datasheet HTML 1Page - Renesas Technology Corp M62343FP Datasheet HTML 2Page - Renesas Technology Corp M62343FP Datasheet HTML 3Page - Renesas Technology Corp M62343FP Datasheet HTML 4Page - Renesas Technology Corp M62343FP Datasheet HTML 5Page - Renesas Technology Corp M62343FP Datasheet HTML 6Page - Renesas Technology Corp M62343FP Datasheet HTML 7Page - Renesas Technology Corp M62343FP Datasheet HTML 8Page - Renesas Technology Corp M62343FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M62342P/FP, M62343P/FP
REJ03F0073-0300 Rev.3.00 Mar 25, 2008
Page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Rated Value
Unit
Power supply voltage
VCC
–0.3 to 7.0
V
Input voltage
Vin
–0.3 to VCC+0.3 ≤ 7.0
V
Output voltage
VO
–0.3 to VCC+0.3 ≤ 7.0
V
Internal power consumption
Pd
417 (P) / 272 (FP)
mW
Operating ambient temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
(Unless specified otherwise, VCC = +5 V ±10%, GND = 0 V, Ta = -20ºC to 85ºC)
Specification Values
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Power supply voltage
VCC
2.7
5.0
5.5
V
0
0.7
(M62342)
0.8
(M62343)
2.5
(M62342)
2.7
(M62343)
At CLK = 1 MHz operation, IAO = 0 µA
D/A data: 6 Ah (at maximum current)
Power supply current
ICC
0
0.5
(M62342)
0.6
(M62343)
1.6
(M62342)
1.8
(M62343)
mA
DI = CLK = LD = GND, IAO = 0 µA
Input leakage current
IILK
–10
—
10
µA
VIN = 0 to VCC
Input voltage “L”
VIL
0
—
0.2VCC
V
Input voltage “H”
VIH
0.5VCC
—
VCC
V
0.1
—
VCC−0.1
IAO = ±100 µA
Buffer amp output
voltage range
VAO
0.2
—
VCC−0.2
V
IAO = ±500 µA
Buffer amp output
drive range
IAO
–1.0
—
1.0
mA
Upper saturation voltage = 0.3 V
Lower saturation voltage = 0.2 V
Differential
nonlinearity error
SDL
–1.0
—
1.0
LSB
Nonlinearity error
SL
–1.5
—
1.5
LSB
Zero point error
SZERO
–2.0
—
2.0
LSB
Full-scale error
SFULL
–2.0
—
2.0
LSB
VCC = 5.12 V (20 mV/LSB)
No load (IAO = 0)
Oscillation limit output
capacitance
CO
—
—
0.1
µF
Buffer amp output
impedance
RO
—
5.0
—
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com