Electronic Components Datasheet Search
  English  ▼

X  

R2A20111SP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R2A20111SP
Description  Power Factor Correction Controller IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20111SP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R2A20111SP Datasheet HTML 17Page - Renesas Technology Corp R2A20111SP Datasheet HTML 18Page - Renesas Technology Corp R2A20111SP Datasheet HTML 19Page - Renesas Technology Corp R2A20111SP Datasheet HTML 20Page - Renesas Technology Corp R2A20111SP Datasheet HTML 21Page - Renesas Technology Corp R2A20111SP Datasheet HTML 22Page - Renesas Technology Corp R2A20111SP Datasheet HTML 23Page - Renesas Technology Corp R2A20111SP Datasheet HTML 24Page - Renesas Technology Corp R2A20111SP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
R2A20111SP/DD
REJ03F0231-0100 Rev.1.00 Mar 28, 2007
Page 21 of 40
5-1. Power-Supply Startup Operation
When the AC voltage is applied, the PFC-ON pin voltage starts to rise up. After it has reached 0.82 V, the voltage on
the SS pin starts to be discharged and PFC operation is started with the soft-start function. Once the PFC operation is
started, the voltage on the FB pin rises and is controlled so that it reaches 2.5 V.
Full-wave rectified AC
PFC-ON
SS
CAO
SS
CAO
FB
0.82V
2.5V
PFC output voltage
Figure 9 Waveform in Startup Operation
5-2. Operation when the Power-Supply Stops
When the supply of AC voltage stops, both of the PFC output voltage and the voltage on the FB pin fall. When the
voltage on the FB pin is lower than 0.52 V, the PFC operation stops and the SS pin is reset.
Full-wave rectified AC
FB
SS
0.52V
OUT
Figure 10 Waveform in Stop Operation
Note: When the PFC output voltage is driving light load, the PFC output voltage falls slowly, and the PFC-hold
function may be activated before the voltage on the FB pin falls to 0.52 V. In this case, the PFC hold function
operates, stopping output on the OUT pin and resetting the SS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com