Electronic Components Datasheet Search
  English  ▼

X  

HAT1065T Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT1065T
Description  Silicon P Channel MOS FET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1065T Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT1065T Datasheet HTML 1Page - Renesas Technology Corp HAT1065T Datasheet HTML 2Page - Renesas Technology Corp HAT1065T Datasheet HTML 3Page - Renesas Technology Corp HAT1065T Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HAT1065T
REJ03G0161-0200 Rev.2.00 Aug 06, 2007
Page 3 of 3
Package Dimensions
P-TSSOP8-4.4
× 3-0.65
0.034g
MASS[Typ.]
TTP-8DV
PTSP0008JB-B
RENESAS Code
JEITA Package Code
Previous Code
bp
0.60
1.0
0.40
L1
0.50
0.13
x
0.25
0.20
0.15
0.03
bp
b1
c1
0.20
0.15
0.10
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
3.30
3.00
D
4.40
E
0.07
A2
6.60
6.40
6.20
0.10
1.10
A
0.805
Z
L
8°
0°
c
0.65
e
0.10
y
HE
A1
D
*1
1
4
8
5
*3
x M
bp
e
Z
Terminal cross section
(Ni/Pd/Au plating)
2.
1. DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
L1
L
Detail F
y
Index mark
Package Name
TSSOP-8
Ordering Information
Part No.
Quantity
Shipping Container
HAT1065T-EL-E
3000 pcs
Taping



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com