Electronic Components Datasheet Search
  English  ▼

X  

GSCLM317L Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSCLM317L
Description  100mA ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCLM317L Datasheet(HTML) 3 Page - GTM CORPORATION

  GSCLM317L Datasheet HTML 1Page - GTM CORPORATION GSCLM317L Datasheet HTML 2Page - GTM CORPORATION GSCLM317L Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CORPORATION
GSCLM317L
Page: 3/3
ISSUED DATE :2006/02/17
REVISED DATE :
Application Information and Circuits
The GSCLM317L provides an internal reference voltage of 1.25V between the output and adjustments terminals.
This is used to set a constant current flow across an external resistor driver, giving an output voltage VOUT of:
VOUT = VREF * (1 + R2 / R1) + IADJ * R2
The device is designed to minimize the term IADJ (100uA max) and to maintain it very constant with line and load
charges. Usually, the error term IADJ*R2 can be neglected. To obtain the previous requirement, all the regulator
quiescent current is returned to the output terminal, imposing a minimum load current condition. If the load is
insufficient, the output voltage will rise. The GSCLM317L is a floating regulator, input-output differential voltage,
supplies of very high voltage with respect to ground can be regulated as long as the maximum input-output
differential is not exceeded. Furthermore, programmable regulators are easily obtainable and, by connecting a
fixed resistor between the adjustment and output, the device can be used as a precision current regulator.
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
Fig 1. Basic Adjustable Regulator
Fig 2. Voltage Regulator with
Protection Diodes
Fig 3. Slow Turn-On 15V Regulator
Fig 4. 5V Electronic Shut-Down
Regulator
GSCLM317L
4
1
2,3,6,7
GSCLM317L
4
1
2,3,
6,7
GSCLM317L
4
1
2,3,6,7
GSCLM317L
4
1
2,3,6,7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com